Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT026 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG5NT026
Description  Dual Power High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG5NT026 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG5NT026 Datasheet HTML 1Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 2Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 3Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 4Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 5Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 6Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 7Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 8Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
000-005NT026-101
Page 2 of 9
SLG5NT026
Pin Description
Overview
The SLG5NT026 N-Channel FET Gate Driver is used for controlling a delayed turn on and ramping slew rate of the source voltage
on N-Channel FET switches from a CMOS logic level input. Intended as a supporting control element for switched voltage rails
in energy efficient, advanced power management systems, the SLG5NT026 also integrates circuits to discharge opened switched
voltage rails. The gate driver is available in a variety of configurations supporting a range of turn-on slew rates from 0.80 V/ms
up to 4 V/ms which, depending on load supplying source voltages in the range of 1.0 V to 20 V results in ramp times from 200
µs to over 20 ms (see Application Section). Delays until the ramp begins are source voltage independent and range from 250 µs
to 5ms. A power good condition is output to indicate that the ramp-up slew of the source voltage is finished. Additionally, an
internal discharge circuit provides a controlled path to remove charge from open power rails. The SLG5NT026 gate drive is
packaged in an 8 pin DFN package.
When used with external N-Channel FETs, the SLG5NT026 supports low transient, energy efficient switching of high current loads
at source voltages ranging from 1.0 V to 20 V.
Configuration Options
Pin #
Pin Name
Type
Pin Description
1
VCC
Power
Supply Voltage
2
ON
Input
CMOS Logic Level. High True
3
NC
--
No Connect.
4
GND
GND
Ground.
5
D1
Input
FET1 Drain Connection
6
D2
Input
FET2 Drain Connection
7
G
Output
FET Gate Drive
8
PG
Output
Output Open Drain - Power Good, indicates external FET fully on.
Pull-up resistor greater than 300k
Ω recommended.
Ordering Information
Part Number
Type
SLG5NT026-xxxxxxV
TDFN-8
SLG5NT026-xxxxxxVTR
TDFN-8 - Tape and Reel (3k units)
Code (xxxxxx)
Ramp Rate (V/ms)
Delay (ms)
Discharge (
Ω)
200300
2.0
0.25
Open



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com