Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6819 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6819
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6819 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6819 Datasheet HTML 2Page - Analog Devices ADM6819 Datasheet HTML 3Page - Analog Devices ADM6819 Datasheet HTML 4Page - Analog Devices ADM6819 Datasheet HTML 5Page - Analog Devices ADM6819 Datasheet HTML 6Page - Analog Devices ADM6819 Datasheet HTML 7Page - Analog Devices ADM6819 Datasheet HTML 8Page - Analog Devices ADM6819 Datasheet HTML 9Page - Analog Devices ADM6819 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM6819/ADM6820
Rev. 0 | Page 6 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC1, VCC2
−0.3 V to +6.0 V
SETV, SETD, EN
−0.3 V to +30 V
GATE
−0.3 V to (VCCx + 11 V)
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
6-Lead SOT-23
169.5
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com