Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6819 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6819
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6819 Datasheet(HTML) 1 Page - Analog Devices

  ADM6819 Datasheet HTML 1Page - Analog Devices ADM6819 Datasheet HTML 2Page - Analog Devices ADM6819 Datasheet HTML 3Page - Analog Devices ADM6819 Datasheet HTML 4Page - Analog Devices ADM6819 Datasheet HTML 5Page - Analog Devices ADM6819 Datasheet HTML 6Page - Analog Devices ADM6819 Datasheet HTML 7Page - Analog Devices ADM6819 Datasheet HTML 8Page - Analog Devices ADM6819 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FET Drive Simple Sequencers®
ADM6819/ADM6820
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single chip enables power supply sequencing of two
supplies
On-board charge pump fully enhances N-channel FET
Adjustable primary supply monitor to 0.618 V
Delay from primary supply to secondary supply enabled
Fixed 300 ms delay (ADM6819)
Capacitor adjustable delay (ADM6820)
Logic/analog driven enable input (ADM6819)
−40°C to +85°C operating range
Packaged in small 6-lead SOT-23 package
Pin-to-pin compatibility with MAX6819/MAX6820
APPLICATIONS
Multivoltage systems
Dual voltage microprocessors/FPGAs/ASICs/DSPs
Network processors
Telecom and datacom systems
PC/server applications
FUNCTIONAL BLOCK DIAGRAM
VCC2
VCC2OUT
Q1
GATE
LOGIC
VCC2
VFET
SETV
EN (ADM6819) - DIGITAL/ANALOG
SETD (ADM6820)
0.618V
0.618V
GND
R1
R2
VCC1
ADM6819/
ADM6820
VCC1
VCC1
FET
DRIVER
CHARGE
PUMP
TIMER
UVLO
Figure 1.
GENERAL DESCRIPTION
The ADM6819 and ADM6820 are simple power supply sequencers
with FET drive capability for enhancing N-channel MOSFETs.
These devices can monitor a primary supply voltage and
enable/disable an external N-channel FET for a secondary
supply. The ADM6819 has the ability to monitor two supplies.
When more than two voltages require sequencing, multiple
ADM6819/ADM6820 devices can be cascaded to achieve this.
The devices operate over a supply range of 2.95 V to 5.5 V.
An internal comparator monitors the primary supply using the
VSET pin. The input to this comparator is externally set via a
resistor divider from the primary supply. When the voltage at
the VSET pin rises above the comparator threshold, an internal
charge pump on the GATE output enhances the secondary
supply FET.
The ADM6819 features an enable (EN) pin that is fed to the
input of an additional comparator and reference circuit. This
pin can be used as a digital enable or a secondary power good
comparator to monitor a second supply and enables the GATE
only if both supplies are valid. When both inputs of the internal
comparators are above the threshold, a fixed 300 ms timeout
occurs before the GATE is driven high and the secondary
supply is enabled.
The ADM6820 has only one comparator that is on the SETV
pin. It also features a timeout period that is adjustable via a
single external capacitor on the SETD pin.
The ADM6819/ADM6820 are packaged in small 6-lead SOT-23
packages.


Similar Part No. - ADM6819

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
More results

Similar Description - ADM6819

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1086 AD-ADM1086 Datasheet
299Kb / 16P
Simple Sequencers in 6-Lead SC70
7/04-Revision 0
logo
Semtech Corporation
SC2604 SEMTECH-SC2604 Datasheet
379Kb / 14P
Simple PWM Boost Controller with Input Disconnect FET Drive
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
Simple Drive Requirement, Simple Drive Requirement
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
Simple Sequencers in 6-Lead SC7
REV. A
logo
Advanced Power Electron...
AP2R803AGMT-HF A-POWER-AP2R803AGMT-HF_14 Datasheet
101Kb / 4P
Simple Drive Requirement
AP15N03GHJ-HF A-POWER-AP15N03GHJ-HF_14 Datasheet
222Kb / 6P
Simple Drive Requirement
AP22T03GH-HF A-POWER-AP22T03GH-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP40P03GP A-POWER-AP40P03GP_14 Datasheet
123Kb / 5P
Simple Drive Requirement
logo
Analog Devices
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com