Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6819 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM6819
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6819 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6819 Datasheet HTML 3Page - Analog Devices ADM6819 Datasheet HTML 4Page - Analog Devices ADM6819 Datasheet HTML 5Page - Analog Devices ADM6819 Datasheet HTML 6Page - Analog Devices ADM6819 Datasheet HTML 7Page - Analog Devices ADM6819 Datasheet HTML 8Page - Analog Devices ADM6819 Datasheet HTML 9Page - Analog Devices ADM6819 Datasheet HTML 10Page - Analog Devices ADM6819 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM6819/ADM6820
Rev. 0 | Page 7 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCC1 1
GND
2
SETV 3
VCC2
6
GATE
5
EN
4
ADM6819
TOP VIEW
(Not to Scale)
Figure 6. ADM6819 Pin Configuration
VCC1 1
GND
2
SETV 3
VCC2
6
GATE
5
SETD
4
ADM6820
TOP VIEW
(Not to Scale)
Figure 7. ADM6820 Pin Configuration
Table 4. Pin Function Descriptions
Pin Number
ADM6819
ADM6820
Mnemonic
Description
1
1
VCC1
Supply Voltage 1. Either VCC1 or VCC2 must be greater than the UVLO to enable external
FET Drive.
2
2
GND
Chip Ground Pin.
3
3
SETV
Sequenced Threshold Set. Connect to an external resistor divider to set the VCC1
threshold that enables GATE turn-on. The internal reference is 0.618 V.
4
EN
Active-High Enable. GATE drive is enabled tDELAY after EN is driven high. GATE drive is
immediately disabled when EN is driven low. Connect this pin to the higher of VCC1 or
VCC2 if not used. EN is internally identical to SETV (0.618 V threshold) and, therefore, can
be used as a second supply monitor, enabling two supplies to be validated before
sequencing begins.
4
SETD
GATE Delay Set Input. Connect an external capacitor from SETD to GND to adjust the
delay from SETV > VTH to GATE turn-on. tDELAY(s) = 2.652 × 106 × CSET(F).
5
5
GATE
GATE Drive Output. GATE drives an external N-channel FET to connect VCC2 to the load.
GATE drive enables tDELAY after SETV exceeds VTH and ENABLE is driven high. GATE drive is
immediately disabled when SETV drops below VTH or ENABLE is driven low. When
enabled, an internal charge pump drives GATE above VCCX to fully enhance the external
N-channel FET.
6
6
VCC2
Supply Voltage 2. Either VCC1 or VCC2 must be greater than the UVLO to enable the
external FET Drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com