Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6819 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6819
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6819 Datasheet(HTML) 3 Page - Analog Devices

  ADM6819 Datasheet HTML 1Page - Analog Devices ADM6819 Datasheet HTML 2Page - Analog Devices ADM6819 Datasheet HTML 3Page - Analog Devices ADM6819 Datasheet HTML 4Page - Analog Devices ADM6819 Datasheet HTML 5Page - Analog Devices ADM6819 Datasheet HTML 6Page - Analog Devices ADM6819 Datasheet HTML 7Page - Analog Devices ADM6819 Datasheet HTML 8Page - Analog Devices ADM6819 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM6819/ADM6820
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC1 or VCC2 = 2.95 V to 5.5 V, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.1
Table 1.
Parameter
Min
Typ
Max
Units
Conditions
VCC1, VCC2 PINS
VCC1 or VCC2 must be > 2.95 V
Operating Voltage Range, VCC1 or VCC2
0.9
5.5
V
VCC1 or VCC2 must be > 2.95 V
VCC1 or VCC2 Supply Current, ICC
350
500
μA
VCC1 = VCC2 = 3.3 V
VCC1 or VCC2 Disable Mode Current
250
μA
VCC1 = VCC2 = 3.3 V, EN = GND
VCC1 or VCC2 Slew Rate2
6
V/s
ADM6819
1.2/tDELAY
V/s
ADM68203
Undervoltage Lockout, VUVLO
2.4
2.525
2.65
V
VCC falling
SETV PIN
SETV Threshold, VTH
0.602
0.618
0.634
V
VSETV rising, enables GATE
SETV Input Current2
10
100
nA
SETV Threshold Hysteresis
−1
%
VSETV falling, disables GATE
SETV to GATE Delay, tDELAY
240
300
350
ms
VSETV > VTH ; VEN > VTH (ADM6819)
SETD PIN
ADM6820
SETD Ramp Current, ISETD
300
500
730
nA
400
500
600
nA
TA = 25°C
SETD Voltage, VSETD
1.295
1.326
1.357
V
GATE PIN
GATE Turn-On Time, tON
0.5
1.5
10
ms
CGATE = 1500 pF, VCC2 = 3.3 V, VGATE = 7.8 V
GATE Turn-Off Time, tOFF
30
μs
CGATE = 1500 pF, VCC2 = 3.3 V, VGATE = 0.5 V
GATE Voltage, VGATE
4.5
5.5
6.0
V
With respect to VCCx, RGATE > 50 MΩ to VCCx4
4.0
5.0
6
V
With respect to VCCx, RGATE > 5 MΩ to VCCx4
8.9
9.4
9.9
V
With respect to VCCx, RGATE > 50 MΩ to VCCx5
8.2
8.6
9.1
V
With respect to VCCx, RGATE > 5 MΩ to VCCx5
ENABLE PIN
EN Input Voltage Low, VIL
0.4
V
VCC1 or VCC2 must be > 2.95 V
EN Input Voltage High, VIH
2.0
V
VCC1 or VCC2 must be > 2.95 V
1 100% production tested at TA = +25°C. Specifications over temperature limit are guaranteed by design.
2 Guaranteed by design, not production tested.
3 tDELAY (s) = 2.65 × 106 × CSET.
4 Highest supply pin is represented by VCCx = 2.95 V.
5 Highest supply pin is represented by VCCx = 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com