Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7283 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
SC7283
Version 1.0
Page 39 of 89
2018/11
7. COMMUNICATION INTERFACE
7.1 3-wire Serial Interface
a. Each serial command consists of 16 bits of data which is loaded one bit a time at the rising edge of serial
clock SCL.
b. Command loading operation starts from the falling edge of CS and is completed at the next rising edge of
CS.
c. The serial control block is operational after power on reset, but commands are established by the VSYNC
signal. If command is transferred multiple times for the same register, the last command before the VSYNC
signal is valid.
d. If less than 16 bits of SCL are input while CS is low, the transferred data is ignored.
e. If 16 bits or more of SCL are input while CS is low, the previous 16 bits of transferred data before then rising
edge of CS pulse are valid data.
f. Serial block operates with the SCL clock
g. Serial data can be accepted in the power save mode.
h. After power on reset or GRB reset, it is required 100ms delay to begin SPI communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com