Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7283 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
SC7283
Version 1.0
Page 71 of 89
2018/11
9.2 DC Characteristics
DC Electrical Characteristics (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C, Bare Chip)
9.2.1 Recommended Operating Range
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VDD
3.0
3.3
3.6
V
IO Supply Voltage
VDDI
3.0
-
3.6
V
Charge Pump Supply Voltage
PVDD
3.0
3.3
3.6
V
9.2.2 DC Characteristics for Digital Circuit
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Logic-High Input Voltage
Vih
0.7VDDI
-
VDDI
V
Logic-Low Input Voltage
Vil
DGND
-
0.3VDDI
V
Logic-High Output Voltage
Voh
VDDI-0.4
-
VDDI
V
Logic-Low Output Voltage
Vol
DGND
-
DGND+0.4
V
9.2.3 DC Characteristics for Analog Circuit
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Positive High-Voltage Power
VGH
13
15
16.5
V
No Load@
FR=60Hz
Negative High-Voltage Power
VGL
-7
-10
-11
V
Output Voltage Deviation
Vod
-
±35
±45
mV
Standby Current
Isc
-
-
50-
uA
Operation Current
Ioc
-
20
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com