Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7283 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
SC7283
Version 1.0
Page 63 of 89
2018/11
8.3.8 GATE TIMING SETTING 2 (4Ah)
Address
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Default
4Ah
R/W
0
PRGB_GWIDTH[2:0]
0
SRGB _GWIDTH[2:0]
--
Designation
Description
PRGB_GWIDTH[2:0]
SRGB_GWIDTH[2:0]
Set gate pulse width of parallel RGB interface.
PRGB _GWIDTH[2:0] T2 Gate (n) width (DCLK) T3 Gate (n+1) width (DCLK)
000
GT1
GT2
001
GT1 + 19
GT2 - 19
010
GT1 + 38
GT2 - 38
011
GT1 + 57
GT2 - 57
100
GT1 + 76
GT2 - 76
101
GT1 + 96
GT2 - 96
110
GT1 + 115
GT2 -115
111
GT1 +134
GT2 - 134
Set gate pulse width of serial RGB interface.
SRGB_GWIDTH[2:0] T2 Gate (n) width (DCLK) T3 Gate (n+1) width (DCLK)
000
GT1
GT2
001
GT1 + 19
GT2 - 19
010
GT1 + 38
GT2 - 38
011
GT1 + 57
GT2 - 57
100
GT1 + 76
GT2 - 76
101
GT1 + 96
GT2 - 96
110
GT1 + 115
GT2 -115
111
GT1 +134
GT2 - 134
Note: 1. The above gate pulse width timing table is only for 480RGB X 272 resolution application.
2. GT1=GT2= Horizontal display period - (2 * Gate non-overlap)
For example: Resolution=480RGB * 272 DCLK=10Mhz,GT1= GT2=183 (DCLK)=18.3 (us)
3. To adjust gate pulse width to get the better display quality according to panel condition or
system application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com