Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7283 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
SC7283
Version 1.0
Page 72 of 89
2018/11
9.3 AC Characteristics
AC Electrical Characteristics (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C, Bare Chip)
9.3.1 System Operation AC Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
VDD Power Source Slew Time
TPOR
-
-
20
ms
From 0V to 99% VDD
GRB Pulse Width
tRSTW
10
50
-
us
R=10Kohm, C=1uF
SD Output Stable Time
Tst
-
-
12
us
Output settled within +20mV
Loading = 6.8k+28.2pF.
GD Output Rise and Fall Time
Tgst
-
-
6
us
Output settled (5%~95%),
Loading = 4.7k+29.8pF
9.3.2 System Bus Timing for I2C Interface
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
SCL Clock Frequency
FSCL
-
-
400
KHz
SCL Clock Low Period
TLOW
1300
-
-
ns
SCL Clock High Period
THIGH
600
-
-
ns
Signal Rise Time
Tr
20+0.1Cb
-
300
ns
Signal Fall Time
Tf
20+0.1Cb
-
300
ns
Start Condition Setup Time
TSU;STA
600
-
-
ns
Start Condition Hold Time
THD;STA
600
-
-
ns
Data Setup Time
TSU;DAT
100
-
-
ns
Data Hold Time
THD;DAT
0
-
900
ns
Setup Time for STOP Condition
TSU;STO
600
-
-
ns
Bus Free Time Between a STOP
and START
TBUF
100
-
-
ns
Capacitive load represented by
each bus line
Cb
400
pF
Tolerable Spike Width on Bus
TSW
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com