Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 5 Page - Analog Devices

  AD5643R Datasheet HTML 1Page - Analog Devices AD5643R Datasheet HTML 2Page - Analog Devices AD5643R Datasheet HTML 3Page - Analog Devices AD5643R Datasheet HTML 4Page - Analog Devices AD5643R Datasheet HTML 5Page - Analog Devices AD5643R Datasheet HTML 6Page - Analog Devices AD5643R Datasheet HTML 7Page - Analog Devices AD5643R Datasheet HTML 8Page - Analog Devices AD5643R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 5 of 28
AD5623R-3/AD5643R-3/AD5663R-3
VDD = 2.7 V to 3.6 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
B Grade1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5663R
Resolution
16
Bits
Relative Accuracy
±8
±16
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5643R
Resolution
14
Bits
Relative Accuracy
±2
±4
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design
AD5623R
Resolution
12
Bits
Relative Accuracy
±0.5
±1
LSB
Differential Nonlinearity
±0.25
LSB
Guaranteed monotonic by design
Zero-Scale Error
+2
+10
mV
All 0s loaded to DAC register
Offset Error
±1
±10
mV
Full-Scale Error
−0.1
±1
% of FSR
All 1s loaded to DAC register
Gain Error
±1.5
% of FSR
Zero-Scale Error Drift
±2
μV/°C
Gain Temperature Coefficient
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection Ratio
−100
dB
DAC code = midscale; VDD = 3 V ± 10%
DC Crosstalk (External Reference)
10
μV
Due to full-scale output change;
RL = 2 kΩ to GND or VDD
10
μV/mA
Due to load current change
5
μV
Due to powering down (per channel)
DC Crosstalk (Internal Reference)
25
μV
Due to full-scale output change;
RL = 2 kΩ to GND or VDD
20
μV/mA
Due to load current change
10
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
Ω
Short Circuit Current
30
mA
VDD = 3 V
Power-Up Time
4
μs
Coming out of power-down mode; VDD = 3 V
REFERENCE INPUTS
Reference Current
170
200
μA
VREF = VDD = 3.6 V
Reference Input Range
0.75
VDD
V
Reference Input Impedance
26
kΩ
REFERENCE OUTPUT
Output Voltage
1.247
1.253
V
At ambient
Reference Temperature Coefficient3
±5
±15
ppm/°C
MSOP package models
±10
ppm/°C
LFCSP package models
Output Impedance
7.5
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com