Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5643R Datasheet HTML 9Page - Analog Devices AD5643R Datasheet HTML 10Page - Analog Devices AD5643R Datasheet HTML 11Page - Analog Devices AD5643R Datasheet HTML 12Page - Analog Devices AD5643R Datasheet HTML 13Page - Analog Devices AD5643R Datasheet HTML 14Page - Analog Devices AD5643R Datasheet HTML 15Page - Analog Devices AD5643R Datasheet HTML 16Page - Analog Devices AD5643R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 13 of 28
TEMPERATURE (°C)
8
6
4
2
–6
–4
–2
0
–8
–40
–20
40
20
0
100
80
60
120
MIN DNL
MAX DNL
MAX INL
MIN INL
VDD = VREF = 5V
Figure 22. INL Error and DNL Error vs. Temperature
VREF (V)
10
4
6
8
2
0
–8
–6
–4
–2
–10
0.75
1.25
1.75
2.25
4.25
3.75
3.25
2.75
4.75
MIN DNL
MAX DNL
MAX INL
MIN INL
VDD = 5V
TA = 25°C
Figure 23. INL Error and DNL Error vs. VREF
VDD (V)
8
6
4
2
–6
–4
–2
0
–8
2.7
3.2
3.7
4.7
4.2
5.2
MIN DNL
MAX DNL
MAX INL
MIN INL
TA = 25°C
Figure 24. INL Error and DNL Error vs. Supply
TEMPERATURE (°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 25. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
08
60
100
0
OFFSET ERROR
ZERO-SCALE ERROR
Figure 26. Zero-Scale Error and Offset Error vs. Temperature
VDD (V)
1.0
–1.5
–1.0
–0.5
0
0.5
–2.0
2.7
3.2
3.7
4.7
4.2
5.2
GAIN ERROR
FULL-SCALE ERROR
Figure 27. Gain Error and Full-Scale Error vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com