Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5643R Datasheet HTML 6Page - Analog Devices AD5643R Datasheet HTML 7Page - Analog Devices AD5643R Datasheet HTML 8Page - Analog Devices AD5643R Datasheet HTML 9Page - Analog Devices AD5643R Datasheet HTML 10Page - Analog Devices AD5643R Datasheet HTML 11Page - Analog Devices AD5643R Datasheet HTML 12Page - Analog Devices AD5643R Datasheet HTML 13Page - Analog Devices AD5643R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
10
4
6
8
0
2
–6
–10
–8
–2
–4
0
5k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k
VDD = VREF = 5V
TA = 25°C
Figure 4. INL—AD5663R, External Reference
CODE
4
–4
0
2.5k
5.0k
7.5k
10.0k
12.5k
15.0k
–3
–2
–1
0
1
2
3
VDD = VREF = 5V
TA = 25°C
Figure 5. INL—AD5643R, External Reference
CODE
1.0
–1.0
0
0.5k
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
–0.8
–0.6
–0.4
0
0.4
0.2
–0.2
0.6
0.8
VDD = VREF = 5V
TA = 25°C
Figure 6. INL—AD5623R, External Reference
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
10k
20k
30k
40k
50k
60k
VDD = VREF = 5V
TA = 25°C
Figure 7. DNL—AD5663R, External Reference
0.5
0.3
0.2
0.1
0.4
0
–0.2
–0.1
–0.3
–0.5
–0.4
VDD = VREF = 5V
TA = 25°C
CODE
0
2.5k
5.0k
7.5k
10.0k
12.5k
15.0k
Figure 8. DNL—AD5643R, External Reference
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.20
–0.15
CODE
0
0.5k
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
VDD = VREF = 5V
TA = 25°C
Figure 9. DNL—AD5623R, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com