Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 1 Page - Analog Devices

  AD5643R Datasheet HTML 1Page - Analog Devices AD5643R Datasheet HTML 2Page - Analog Devices AD5643R Datasheet HTML 3Page - Analog Devices AD5643R Datasheet HTML 4Page - Analog Devices AD5643R Datasheet HTML 5Page - Analog Devices AD5643R Datasheet HTML 6Page - Analog Devices AD5643R Datasheet HTML 7Page - Analog Devices AD5643R Datasheet HTML 8Page - Analog Devices AD5643R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 12-/14-/16-Bit nanoDAC® with
5 ppm/°C On-Chip Reference
AD5623R/AD5643R/AD5663R
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, smallest pin-compatible, dual nanoDAC
AD5663R: 16 bits
AD5643R: 14 bits
AD5623R: 12 bits
User-selectable external or internal reference
External reference default
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
10-lead MSOP and 3 mm × 3 mm LFCSP
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale
Per channel power-down
Serial interface up to 50 MHz
Hardware LDAC and CLR functions
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5623R/AD5643R/AD5663R, members of the nanoDAC
family, are low power, dual 12-, 14-, and 16-bit buffered voltage-
out digital-to-analog converters (DAC) that operate from a single
2.7 V to 5.5 V supply and are guaranteed monotonic by design.
The AD5623R/AD5643R/AD5663R have an on-chip reference.
The AD5623R-3/AD5643R-3/AD5663R-3 have a 1.25 V, 5 ppm/°C
reference, giving a full-scale output of 2.5 V; and the AD5623R-5/
AD5643R-5/AD5663R-5 have a 2.5 V, 5 ppm/°C reference,
giving a full-scale output of 5 V. The on-chip reference is off at
power-up, allowing the use of an external reference; and all
devices can be operated from a single 2.7 V to 5.5 V supply.
The internal reference is turned on by writing to the DAC.
The parts incorporate a power-on reset circuit that ensures the
DAC output powers up to 0 V and remains there until a valid
write takes place. The part contains a power-down feature that
reduces the current consumption of the device to 480 nA at 5 V
and provides software-selectable output loads while in power-
down mode.
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
SCLK
SYNC
DIN
CLR
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
VDD
GND
POWER-ON
RESET
STRING
DAC A
STRING
DAC B
BUFFER
BUFFER
VREFIN/VREFOUT
POWER-DOWN
LOGIC
VOUTA
VOUTB
AD5623R/AD5643R/AD5663R
LDAC
LDAC
1.25V/2.5V
REFERENCE
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5663
2.7 V to 5.5 V, dual 16-bit nanoDAC, with external
reference
The low power consumption of this part in normal operation
makes it ideally suited to portable, battery-operated equipment.
The AD5623R/AD5643R/AD5663R use a versatile, 3-wire serial
interface that operates at clock rates up to 50 MHz, and they are
compatible with standard SPI®, QSPI™, MICROWIRE™, and
DSP interface standards. The on-chip precision output amplifier
enables rail-to-rail output swing to be achieved.
PRODUCT HIGHLIGHTS
1. Dual 12-, 14-, and 16-bit DAC.
2. On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3. Available in 10-lead MSOP and 10-lead, 3 mm ×
3 mm LFCSP.
4. Low power; typically consumes 0.6 mW at 3 V and
1.25 mW at 5 V.
5. 4.5 μs maximum settling time for the AD5623R.


Similar Part No. - AD5643R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5643R AD-AD5643R Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5643R AD-AD5643R Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5643R AD-AD5643R Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
AD5643RBRMZ-3 AD-AD5643RBRMZ-3 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5643RBRMZ-3 AD-AD5643RBRMZ-3 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
More results

Similar Description - AD5643R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
AD5624R AD-AD5624R Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
11/06-Rev. 0 to Rev A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com