Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663BCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5663BCPZ-R2
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663BCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5663BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5663
Rev. 0 | Page 14 of 24
THEORY OF OPERATION
D/A SECTION
The AD5663 DAC is fabricated on a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. Figure 27 shows a block diagram of the DAC
architecture.
DAC
REGISTER
RESISTOR
STRING
REF (+)
VDD
GND
REF (–)
VOUT
OUTPUT
AMPLIFIER
(GAIN = +2)
Figure 27. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
65,536
D
V
V
REF
OUT
where D is the decimal equivalent of the binary code that is
loaded to the DAC register. It can range from 0 to 65,535.
RESISTOR STRING
The resistor string section is shown in Figure 28. It is a string of
resistors, each of Value R. The code loaded to the DAC register
determines at which node on the string the voltage is tapped off
to be fed into the output amplifier. The voltage is tapped off by
closing one of the switches connecting the string to the amplifier.
Because it is a string of resistors, it is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 28. Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. It can drive
a load of 2 kΩ in parallel with 1000 pF to GND.
The source and sink capabilities of the output amplifier can be
seen in Figure 14. The slew rate is 1.8 V/μs with a 1/4 to 3/4
full-scale settling time of 10 μs.
SERIAL INTERFACE
The AD5663 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards, as well as with most DSPs. See Figure 2 for
a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5663 compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed; that is, there is a
change in DAC register contents and/or a change in the mode
of operation. At this stage, the SYNC line can be kept low or be
brought high. In either case, it must be brought high for a mini-
mum of 15 ns before the next write sequence so that a falling edge
of SYNC can initiate the next write sequence. Because the SYNC
buffer draws more current when VIN = 2.0 V than it does when
VIN = 0.10 V, SYNC should be idled low between write sequences
for even lower power operation. As mentioned previously,
however, it must be brought high again just before the next
write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 29). The first
two bits are don’t cares. The next three are the Command Bit C2
to Command Bit C0 (see Table 7), followed by the 3-bit DAC
Address A2 to DAC Address A0 (see Table 8), and, finally, the
16-bit data-word. These are transferred to the DAC register on
the 24th falling edge of SCLK.
Table 7. Command Definition
C2
C1
C0
Command
0
0
0
Write to input register n
0
0
1
Update DAC register n
0
1
0
Write to input register n, update all
(software LDAC)
0
1
1
Write to and update DAC channel n
1
0
0
Power down DAC (power up)
1
0
1
Reset
1
1
0
LDAC register setup
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com