Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663BCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5663BCPZ-R2
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663BCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5663BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5663
Rev. 0 | Page 17 of 24
Synchronous LDAC:
The DAC registers are updated after new
data is read in on the falling edge of the 24th SCLK pulse.
LDAC can be permanently low or pulsed, as shown in Figure 2.
Asynchronous LDAC:
The outputs are not updated at the same
time that the input registers are written to. When LDAC goes
low, the DAC registers are updated with the contents of the
input register.
The LDAC register gives the user full flexibility and control
over the hardware LDAC pin. This register allows the user to
select which combination of channels to simultaneously update
when the hardware LDAC pin is executed. Setting the LDAC bit
register to 0 for a DAC channel means that the update of this
channel is controlled by the LDAC pin. If this bit is set to 1, this
channel synchronously updates; that is, the DAC register is
updated after new data is read in, regardless of the state of the
LDAC pin. It effectively sees the LDAC pin as being pulled low.
See Table 13 for the LDAC register mode of operation.
This flexibility is useful in applications where the user wants to
simultaneously update select channels while the rest of the
channels are synchronously updating
Writing to the DAC using Command 110 loads the 2-bit LDAC
register [DB1:DB0]. The default for each channel is 0; that is,
the LDAC pin works normally. Setting the bits to 1 means the
DAC register is updated regardless of the state of the LDAC pin.
See Table 14 for contents of the input shift register during the
LDAC register setup command.
Table 13. LDAC Register Mode of Operation
LDAC Bits
(DB1 to DB0)
LDAC Pin
LDAC Operation
0
1/0
Determined by LDAC pin
1
x = don’t care
The DAC registers are updated
after new data is read in on the
falling edge of the 24th SCLK
pulse
Table 14. 24-Bit Input Shift Register Contents for LDAC Register Setup Command
MSB
LSB
DB23 to DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB2
DB1
DB0
x
1
1
0
x
x
x
x
DAC B
DAC A
Don’t care
Command bits (C2 to C0)
Address bits (A3 to A0);
Don’t care
Don’t care
Set DAC to 0 or 1 for required mode of
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com