Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663BCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5663BCPZ-R2
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663BCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5663BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5663
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
3.00
BSC SQ
INDEX
AREA
TOP VIEW
1.50
BCS SQ
EXPOSED
PAD
(BOTTOM VIEW)
1.74
1.64
1.49
2.48
2.38
2.23
1
6
10
0.50
BSC
0.50
0.40
0.30
5
PIN 1
INDICATOR
0.80
0.75
0.70
0.05 MAX
0.02 NOM
SEATING
PLANE
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.55 TYP
SIDE VIEW
Figure 39. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm x 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 40. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Power-On
Reset Code
Accuracy
Package
Description
Package
Option
Branding
AD5663ARMZ1
−40°C to +105°C
Zero
±16 LSB INL
10-lead MSOP
RM-10
D80
AD5663ARMZ-REEL71
−40°C to +105°C
Zero
±16 LSB INL
10-lead MSOP
RM-10
D80
AD5663BRMZ1
−40°C to +105°C
Zero
±12 LSB INL
10-lead MSOP
RM-10
D8C
AD5663BRMZ-REEL71
−40°C to +105°C
Zero
±12 LSB INL
10-lead MSOP
RM-10
D8C
AD5663BRMZ-11
−40°C to +105°C
Midscale
±12 LSB INL
10-lead MSOP
RM-10
D7J
AD5663BRMZ-1REEL71
−40°C to +105°C
Midscale
±12 LSB INL
10-lead MSOP
RM-10
D7J
AD5663BCPZ-250RL71
−40°C to +105°C
Zero
±12 LSB INL
10-lead LFCSP_WD
CP-10-9
D8C
AD5663BCPZ-REEL71
−40°C to +105°C
Zero
±12 LSB INL
10-lead LFCSP_WD
CP-10-9
D8C
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com