Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663BCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5663BCPZ-R2
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663BCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5663BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5663BCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5663
Rev. 0 | Page 19 of 24
APPLICATIONS
CHOOSING A REFERENCE FOR THE AD5663
To achieve the optimum performance from the AD5663,
thought should be given to the choice of a precision voltage
reference. The AD5663 has only one reference input, VREF.
The voltage on the reference input is used to supply the positive
input to the DAC. Therefore, any error in the reference is
reflected in the DAC.
When choosing a voltage reference for high accuracy applica-
tions, the sources of error are initial accuracy, ppm drift, long-
term drift, and output voltage noise. Initial accuracy on the
output voltage of the DAC leads to a full-scale error in the
DAC. To minimize these errors, a reference with high initial
accuracy is preferred. Also, choosing a reference with an output
trim adjustment, such as the ADR423, allows a system designer
to trim system errors out by setting a reference voltage to a
voltage other than the nominal. The trim adjustment can also
be used at temperature to trim out any error.
Long-term drift is a measurement of how much the reference
drifts over time. A reference with a tight long-term drift specifi-
cation ensures that the overall solution remains relatively stable
during its entire lifetime.
The temperature coefficient of a reference’s output voltage
affects INL, DNL, and TUE. A reference with a tight temperature
coefficient specification should be chosen to reduce temperature
dependence of the DAC output voltage in ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered.
It is important to choose a reference with as low an output noise
voltage as practical for the system noise resolution required.
Precision voltage references, such as the ADR425, produce low
output noise in the 0.1 Hz to 10 Hz range. Examples of recom-
mended precision references for use as supplies to the AD5663
are shown in the Table 15.
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5663
Because the supply current required by the AD5663 is extremely
low, an alternative option is to use a voltage reference to supply
the required voltage to the part (see Figure 36). This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V or 3 V (for example,
15 V). The voltage reference outputs a steady supply voltage for
the AD5663; see Table 15 for a suitable reference. If the low drop-
out REF195 is used, it must supply 250 μA of current to the
AD5663, with no load on the output of the DAC. When the
DAC output is loaded, the REF195 also needs to supply the
current to the load. The total current required (with a 5 kΩ
load on the DAC output) is
250 μA + (5 V/5 kΩ) = 1.25 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.5 ppm (12.5 μV) error for the 1.25 mA
current drawn from it. This corresponds to a 0.164 LSB error.
AD5663
THREE-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
500µA
VOUT = 0V TO 5V
VREF
VDD
REF195
Figure 36. REF195 as Power Supply to the AD5663
Table 15. Partial List of Precision References for Use with the AD5663
Part No.
Initial Accuracy (mV Max)
Temperature Drift (ppm
o
C Max)
0.1 Hz to 10 Hz Noise (μV p-p Typ)
VOUT (V)
ADR425
±2
3
3.4
5
ADR395
±6
25
5
5
REF195
±2
5
50
5
AD780
±2
3
4
2.5/3
ADR423
±2
3
3.4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com