Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF193 Datasheet(PDF) 11 Page - Analog Devices

Part # REF193
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF193 Datasheet(HTML) 11 Page - Analog Devices

Back Button REF193 Datasheet HTML 7Page - Analog Devices REF193 Datasheet HTML 8Page - Analog Devices REF193 Datasheet HTML 9Page - Analog Devices REF193 Datasheet HTML 10Page - Analog Devices REF193 Datasheet HTML 11Page - Analog Devices REF193 Datasheet HTML 12Page - Analog Devices REF193 Datasheet HTML 13Page - Analog Devices REF193 Datasheet HTML 14Page - Analog Devices REF193 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REF19x Series
Rev. I | Page 11 of 28
ELECTRICAL CHARACTERISTICS—REF195 @ −40°C ≤ TA ≤ +125°C
@ VS = 5.20 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 16.
Parameter
Mnemonic
Condition
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT1, 2
E Grade
TCVO/°C
IOUT = 0 mA
2
ppm/°C
F Grade
5
ppm/°C
G Grade3
10
ppm/°C
LINE REGULATION4
E Grade
ΔVO/ΔVIN
5.20 V ≤ VS ≤ 15 V, IOUT = 0 mA
5
ppm/V
F and G Grades
10
ppm/V
LOAD REGULATION4
E Grade
ΔVO/ΔVLOAD
VS = 6.45 V, 0 mA ≤ IOUT ≤ 20 mA
5
ppm/mA
F and G Grades
10
ppm/mA
DROPOUT VOLTAGE
VS
− VO
VS = 5.60 V, ILOAD = 10 mA
0.60
V
VS = 6.45 V, ILOAD = 20 mA
1.45
V
1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device.
2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C.
TCVO = (VMAX
− VMIN)/VO(TMAX − TMIN)
3 Guaranteed by characterization.
4 Line and load regulation specifications include the effect of self-heating.
ELECTRICAL CHARACTERISTICS—REF196 @ TA = 25°C
@ VS = 3.5 V, TA = 25°C, unless otherwise noted.
Table 17.
Parameter
Mnemonic
Condition
Min
Typ
Max
Unit
INITIAL ACCURACY1
G Grade
VO
IOUT = 0 mA
3.290
3.3
3.310
V
LINE REGULATION2
G Grade
ΔVO/ΔVIN
3.50 V ≤ VS ≤ 15 V, IOUT = 0 mA
4
8
ppm/V
LOAD REGULATION2
G Grade
ΔVO/ΔVLOAD
VS = 5.0 V, 0 mA ≤ IOUT ≤ 30 mA
6
15
ppm/mA
DROPOUT VOLTAGE
VS − VO
VS = 4.1 V, ILOAD = 10 mA
0.80
V
VS = 4.3 V, ILOAD = 30 mA
1.00
V
LONG-TERM STABILITY3
DVO
1000 hours @ 125°C
1.2
mV
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
33
μV p-p
1 Initial accuracy includes temperature hysteresis effect.
2 Line and load regulation specifications include the effect of self-heating.
3 Long-term stability specification is noncumulative. The drift in subsequent 1000-hour periods is significantly lower than in the first 1000-hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com