Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF193 Datasheet(PDF) 17 Page - Analog Devices

Part # REF193
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF193 Datasheet(HTML) 17 Page - Analog Devices

Back Button REF193 Datasheet HTML 13Page - Analog Devices REF193 Datasheet HTML 14Page - Analog Devices REF193 Datasheet HTML 15Page - Analog Devices REF193 Datasheet HTML 16Page - Analog Devices REF193 Datasheet HTML 17Page - Analog Devices REF193 Datasheet HTML 18Page - Analog Devices REF193 Datasheet HTML 19Page - Analog Devices REF193 Datasheet HTML 20Page - Analog Devices REF193 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REF19x Series
Rev. I | Page 17 of 28
FREQUENCY (Hz)
1M
10
100
1k
10k
100k
–20
0
–60
–40
–80
–120
–100
Figure 9. Ripple Rejection vs. Frequency
REF19x
1kΩ
REF
10µF
OUTPUT
1kΩ
10µF
1µF
10µF
2
6
4
VIN = 15V
Figure 10. Ripple Rejection vs. Frequency Measurement Circuit
FREQUENCY (Hz)
10M
10
100
10k
1k
100k
1M
4
3
2
1
0
VG = 2V p-p
VS = 4V
VIN = 7V
200V
1µF
1µF
REF19x
2
6
4
Z
Figure 11. Output Impedance vs. Frequency
OFF
ON
100µs
20mV
5V
10%
0%
90%
100%
Figure 12. Load Transient Response
VIN = 15V
0
10mA
1µF
REF19x
4
2
6
Figure 13. Load Transient Response Measurement Circuit
2V
2V
1mA
LOAD
30mA
LOAD
100µs
10%
100%
0%
90%
Figure 14. Power-On Response Time
VIN = 7V
1µF
REF19x
4
2
6
Figure 15. Power-On Response Time Measurement Circuit
1V
2ms
5V
ON
OFF
VOUT
IL = 1mA
IL = 10mA
10%
100%
0%
90%
Figure 16. SLEEP Response Time
VOUT
VIN = 15V
1µF
REF19x
3
2
6
4
Figure 17. SLEEP Response Time Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com