Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF193 Datasheet(PDF) 1 Page - Analog Devices

Part # REF193
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF193 Datasheet(HTML) 1 Page - Analog Devices

  REF193 Datasheet HTML 1Page - Analog Devices REF193 Datasheet HTML 2Page - Analog Devices REF193 Datasheet HTML 3Page - Analog Devices REF193 Datasheet HTML 4Page - Analog Devices REF193 Datasheet HTML 5Page - Analog Devices REF193 Datasheet HTML 6Page - Analog Devices REF193 Datasheet HTML 7Page - Analog Devices REF193 Datasheet HTML 8Page - Analog Devices REF193 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Precision Micropower, Low Dropout
Voltage References
REF19x Series
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Initial accuracy: ±2 mV maximum
Temperature coefficient: 5 ppm/°C maximum
Low supply current: 45 μA maximum
Sleep mode: 15 μA maximum
Low dropout voltage
Load regulation: 4 ppm/mA
Line regulation: 4 ppm/V
High output current: 30 mA
Short-circuit protection
APPLICATIONS
Portable instruments
ADCs and DACs
Smart sensors
Solar-powered applications
Loop current-powered instruments
GENERAL DESCRIPTION
The REF19x series precision band gap voltage references use a
patented temperature drift curvature correction circuit and
laser trimming of highly stable, thin-film resistors to achieve a
very low temperature coefficient and high initial accuracy.
The REF19x series is made up of micropower, low dropout
voltage (LDV) devices, providing stable output voltage from
supplies as low as 100 mV above the output voltage and
consuming less than 45 μA of supply current. In sleep mode,
which is enabled by applying a low TTL or CMOS level to the
SLEEP pin, the output is turned off, and supply current is
further reduced to less than 15 μA.
The REF19x series references are specified over the extended
industrial temperature range (−40°C to +85°C), with typical
performance specifications over −40°C to +125°C for
applications such as automotive.
All electrical grades are available in an 8-lead SOIC_N package;
the PDIP and TSSOP packages are available only in the lowest
electrical grade. Products are also available in die form.
TEST PINS
Test Pin 1 and Test Pin 5 are reserved for in-package Zener zap.
To achieve the highest level of accuracy at the output, the Zener
zapping technique is used to trim the output voltage. Since each
unit may require a different amount of adjustment, the resistance
value at the test pins varies widely from pin to pin and from
part to part. The user should leave Pin 1 and Pin 5
unconnected.
REF19x
SERIES
TOP VIEW
(Not to Scale)
TP 1
VS 2
SLEEP 3
GND 4
NC
NC
OUTPUT
TP
8
7
6
5
NOTES
1. NC = NO CONNECT.
2. TP PINS ARE FACTORY TEST
POINTS, NO USER CONNECTION.
Figure 1. 8-Lead SOIC_N and TSSOP Pin Configuration
(S Suffix and RU Suffix)
REF19x
SERIES
TOP VIEW
(Not to Scale)
TP 1
VS 2
SLEEP 3
GND 4
NC
NC
OUTPUT
TP
8
7
6
5
NOTES
1. NC = NO CONNECT.
2. TP PINS ARE FACTORY TEST
POINTS, NO USER CONNECTION.
Figure 2. 8-Lead PDIP Pin Configuration
(P Suffix)
Table 1. Nominal Output Voltage
Part Number
Nominal Output Voltage (V)
REF191
2.048
REF192
2.50
REF193
3.00
REF194
4.50
REF195
5.00
REF196
3.30
REF198
4.096


Similar Part No. - REF193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF193 AD-REF193 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
logo
Texas Instruments
REF1930 TI1-REF1930 Datasheet
2Mb / 31P
Voltage References
REF1930 TI2-REF1930 Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
REF1930AIDDCR TI1-REF1930AIDDCR Datasheet
2Mb / 31P
Voltage References
REF1930AIDDCR TI2-REF1930AIDDCR Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
More results

Similar Description - REF193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com