Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF193 Datasheet(PDF) 26 Page - Analog Devices

Part # REF193
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF193 Datasheet(HTML) 26 Page - Analog Devices

Back Button REF193 Datasheet HTML 20Page - Analog Devices REF193 Datasheet HTML 21Page - Analog Devices REF193 Datasheet HTML 22Page - Analog Devices REF193 Datasheet HTML 23Page - Analog Devices REF193 Datasheet HTML 24Page - Analog Devices REF193 Datasheet HTML 25Page - Analog Devices REF193 Datasheet HTML 26Page - Analog Devices REF193 Datasheet HTML 27Page - Analog Devices REF193 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REF19x Series
Rev. I | Page 26 of 28
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Minimum Quantities/Reel
REF191ES
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF191ES-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF191ESZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF191ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF191GP
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF191GPZ1
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF191GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF191GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF191GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF191GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192ES
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192ES-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192ES-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF192ESZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192ESZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF192FS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192FS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192FS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF192FSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192FSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF192GP
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF192GPZ1
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF192GRU
−40°C to +85°C
8-Lead TSSOP
RU-8
REF192GRU-REEL7
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF192GRUZ1
−40°C to +85°C
8-Lead TSSOP
RU-8
REF192GRUZ-REEL71
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF192GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF192GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF192GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF192GSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF193GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF193GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF193GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF193GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF194ES
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194ES-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF194ESZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF194FS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194FSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194GP
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF194GPZ1
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF194GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF194GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF194GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF194GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com