Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G00GS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G00GS
Description  Dual 2-input NAND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G00GS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC2G00GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Nexperia
74LVC2G00
Dual 2-input NAND gate
9. Recommended operating conditions
Table 6. Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
Active mode
0
VCC
V
VO
output voltage
Power-down mode; VCC = 0 V
0
5.5
V
Tamb
ambient temperature
-40
+125
°C
VCC = 1.65 V to 2.7 V
-
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 5.5 V
-
10
ns/V
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = -40 °C to +85 °C
VCC = 1.65 V to 1.95 V
0.65 × VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
0.7 × VCC
-
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.3 × VCC V
VI = VIH or VIL
IO = -100 μA; VCC = 1.65 V to 5.5 V
VCC - 0.1
-
-
V
IO = -4 mA; VCC = 1.65 V
1.2
1.53
-
V
IO = -8 mA; VCC = 2.3 V
1.9
2.13
-
V
IO = -12 mA; VCC = 2.7 V
2.2
2.50
-
V
IO = -24 mA; VCC = 3.0 V
2.3
2.60
-
V
VOH
HIGH-level output voltage
IO = -32 mA; VCC = 4.5 V
3.8
4.10
-
V
VI = VIH or VIL
IO = 100 μA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
0.08
0.45
V
IO = 8 mA; VCC = 2.3 V
-
0.14
0.3
V
IO = 12 mA; VCC = 2.7 V
-
0.19
0.4
V
IO = 24 mA; VCC = 3.0 V
-
0.37
0.55
V
VOL
LOW-level output voltage
IO = 32 mA; VCC = 4.5 V
-
0.43
0.55
V
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
±0.1
±1
μA
IOFF
power-off leakage current
VI or VO = 5.5 V; VCC = 0 V
-
±0.1
±2
μA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO = 0 A
-
0.1
4
μA
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 16 — 20 June 2022
5 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com