Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G00GS Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G00GS
Description  Dual 2-input NAND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G00GS Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G00GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 20Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Nexperia
74LVC2G00
Dual 2-input NAND gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1203
sot1203_po
10-04-02
10-04-06
Unit
mm
max
nom
min
0.35 0.04
1.40
1.35
1.30
1.05
1.00
0.95
0.55 0.35
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.0 x 0.35 mm
SOT1203
A1
b
0.20
0.15
0.12
D
E
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4×)(2)
(8×)(2)
A
A1
e
L
L1
b
e1
e1
e1
1
8
2
7
3
6
4
5
Fig. 16. Package outline SOT1203 (XSON8)
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 16 — 20 June 2022
16 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com