Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G00GS Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G00GS
Description  Dual 2-input NAND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G00GS Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G00GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Nexperia
74LVC2G00
Dual 2-input NAND gate
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance;
CL = Load capacitance including jig and probe capacitance;
RT = Termination resistance should be equal to output impedance Zo of the pulse generator;
VEXT = Test voltage for switching times.
Fig. 9. Test circuit for measuring switching times
Table 10. Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 kΩ
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500 Ω
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500 Ω
open
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 16 — 20 June 2022
9 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com