Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G00GS Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G00GS
Description  Dual 2-input NAND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G00GS Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G00GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G00GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Nexperia
74LVC2G00
Dual 2-input NAND gate
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT833-1
- - -
MO-252
- - -
SOT833-1
07-11-14
07-12-07
DIMENSIONS (mm are the original dimensions)
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
2.0
1.9
0.35
0.27
A1
max
b
E
1.05
0.95
D
e
e1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
8
2
7
3
6
4
5
8×
(2)
4×
(2)
A
Fig. 12. Package outline SOT833-1 (XSON8)
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 16 — 20 June 2022
12 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com