Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624S/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD6624S/PCB
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624S/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6624S/PCB Datasheet HTML 24Page - Analog Devices AD6624S/PCB Datasheet HTML 25Page - Analog Devices AD6624S/PCB Datasheet HTML 26Page - Analog Devices AD6624S/PCB Datasheet HTML 27Page - Analog Devices AD6624S/PCB Datasheet HTML 28Page - Analog Devices AD6624S/PCB Datasheet HTML 29Page - Analog Devices AD6624S/PCB Datasheet HTML 30Page - Analog Devices AD6624S/PCB Datasheet HTML 31Page - Analog Devices AD6624S/PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. B
AD6624
–28–
Table VIII. Channel Address Memory Map (continued)
Ch Address
Register
Bit Width
Comments
A5
BIST Signature for I Path
16
BIST-I
A6
BIST Signature for Q Path
16
BIST-Q
A7
# of BIST Outputs to Accumulate
20
19–0: # of Outputs (Counter Value Read)
A8
RAM BIST Control Register
3
2:
D-RAM Fail/Pass
1:
C-RAM Fail/Pass
0:
RAM BIST Enable
A9
Serial Port Control Register
10
9:
Map RCF Data to BIST Registers
8–7:
I_SDFS Control
1x:
Separate I and Q SDFS Pulses
01:
SDFS High for Entire Frame
00:
Single SDFS Pulse
6–5:
SOWL
1x:
24-Bit Words
01:
16-Bit Words
00:
12-Bit Words
4:
SBMx
3–0:
SDIVx[3:0]
SCLK
SDI
DATA
tSSI
tHSI
Figure 39. Serial Input Data Timing Requirements
SCLK
SDO
I15
I14
tDSDO
I13
Figure 40. Serial Output Data Switching Characteristics
SCLK
SDFS
tSSF
tHSF
Figure 41. SDFS Timing Requirements (SBM = 0)
SDO
IMSB
SDFS
SCLK
tDSO
IMSB1
SDFS MINIMUM
WIDTH IS ONE SCLK
FIRST DATA IS AVAILABLE THE FIRST
RISING SCLK AFTER SDFS GOES HIGH
Figure 42. Timing for Serial Output Port (SBM = 1)
SCLK
SDFS
SDFE
tDSDFS
tDSDFE
Figure 43. Serial Frame Switching Characteristics (SBM = 1)
SCLK
SDO
SDFE
tDSDO
tDSDFE
Q1
Q0
I14
I15
Figure 44. SDO, SDFE Switching Characteristics
SBM0
SBM0 is the Serial Bus Master pin for the Channel 0 Serial Port
only. Serial Ports 1, 2, and 3 will always default to Serial Slave
mode but can be programmed as masters in the internal register
space. The SBM0 pin gives the user the option to boot the
AD6624 through Serial Port 0 as a master. When SBM0 is high
(master mode), the AD6624 generates SCLK0 and SDFS0.
When SBM0 is low (slave mode), the AD6624 accepts external
SCLK0 and SDFS0 signals. When configured as a bus master,
the SCLK0 signal can be used to strobe data into the DSP inter-
face. When used with another AD6624 in Serial Cascade mode,
SCLK0 can be taken from the master AD6624 and used to shift
data out from the cascaded device. In this situation, SDFS of
the slave AD6624 channel is connected to the SDFE pin of the
master AD6624 channel (or the preceding chip in the chain).
When an AD6624 is in Serial Slave mode, all of the serial port
activities are controlled by the external signals SCLK and SDFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com