Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624S/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD6624S/PCB
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624S/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6624S/PCB Datasheet HTML 30Page - Analog Devices AD6624S/PCB Datasheet HTML 31Page - Analog Devices AD6624S/PCB Datasheet HTML 32Page - Analog Devices AD6624S/PCB Datasheet HTML 33Page - Analog Devices AD6624S/PCB Datasheet HTML 34Page - Analog Devices AD6624S/PCB Datasheet HTML 35Page - Analog Devices AD6624S/PCB Datasheet HTML 36Page - Analog Devices AD6624S/PCB Datasheet HTML 37Page - Analog Devices AD6624S/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
REV. B
AD6624
–34–
External Memory Map
When broadcast is enabled (Bit 6 set high), readback is not valid
because of the potential for internal bus contention. Therefore,
if readback is subsequently desired, the broadcast bit should
be set low.
Bits 1–0 of this register are address bits that decode which of the
four channels are being accessed. If the Instruction bits decode
an access to multiple channels, these bits are ignored. If the
Instruction decodes an access to a subset of chips, the A[9:8] bits
will otherwise determine the channel being accessed.
Channel Address Register (CAR)
This register represents the 8-bit internal address of each channel.
If the autoincrement bit of the ACR is 1, this value will be incre-
mented after every access to the DR0 register, which will in
turn access the location pointed to by this address. The Channel
Address register cannot be read back while the broadcast bit
is set high.
SOFT_SYNC Control Register
External Address [5] is the SOFT_SYNC control register and is
write only.
Bits 0–3 of this register are the SOFT_SYNC control bits. These
pins may be written to by the controller to initiate the synchro-
nization of a selected channel. Although there are four inputs,
these do not necessarily go to the channel of the same number.
This is fully configurable at the channel level as to which bit to
look at. All four channels may be configured to synchronize from a
single position, or they may be paired or all independent.
Bit 4 determines if the synchronization is to apply to a chip
start. If this bit is set, a chip start will be initiated.
Bit 5 determines if the synchronization is to apply to a chip hop.
If this bit is set, the NCO frequency will be updated when the
SOFT_SYNC occurs.
Bit 6 configures how the internal databus is configured. If this
bit is set low, the internal ADC databuses are configured nor-
mally. If this bit is set, the internal test signals are selected. The
internal test signals are configured in Bit 7 of this register.
Bit 7 if set clear, a negative full-scale signal is generated and
made available to the internal databus. If this bit is high, inter-
nal pseudo-random sequence generator is enabled and this data
is available to the internal databus. The combined functions of
Bits 6 and 7 facilitate verification of a given filter design and in
conjunction with the MISR registers, allow for detailed in-system
chip testing. In conjunction with the JTAG test board, very high
levels of chip verification can be done during system test, in both
the factory and field.
PIN_SYNC Control Register
External Address [4] is the PIN_SYNC control register and is
write only.
Bits 0–3 of this register are the SYNC_EN control bits. These
pins may be written to by the controller to allow pin synchroni-
zation of a selected channel. Although there are four inputs,
these do not necessarily go to the channel of the same number.
This is fully configurable at the channel level as to which bit to
look at. All four channels may be configured to synchronize
from a single position, or they may be paired or all independent.
Bit 4 determines if the synchronization is to apply to a
chip start. If this bit is set, a chip start will be initiated
PIN_SYNC occurs.
Bit 5 determines if the synchronization is to apply to a chip hop.
If this bit is set, the NCO Frequency will be updated when the
PIN_SYNC occurs.
Bit 6 is used to ignore repetitive synchronization signals. In
some applications, this signal may occur periodically. If this bit
is clear, each PIN_SYNC will restart/hop the channel. If this bit
is set, only the first occurrence will cause the chip to take action.
Bit 7 is used with Bits 6 and 7 of external address 5. When this
bit is cleared, the data supplied to the internal databus simulates
a normal ADC. When this bit is set, the data supplied is in the
form of a time-multiplexed ADC such as the AD6600 (this
allows the equivalent of testing in the 4-channel input mode).
Internally, when set, this bit forces the IEN pin to toggle as if it
were driven by the A/B signal of the AD6600.
SLEEP Control Register
External Address [3] is the sleep register.
Bits 3–0 control the state of each of the channels. Each bit corre-
sponds to one of the possible RSP channels within the device. If
this bit is cleared, the channel operates normally. However,
when this bit is set, the indicated channel enters a low-power
sleep mode.
Table XIII. Memory Map for Input Port Control Registers
Ch Address
Register
Bit Width
Comments
00
Lower Threshold A
10
9–0:
Lower Threshold for Input A
01
Upper Threshold A
10
9–0:
Upper Threshold for Input A
02
Dwell Time A
20
19–0:
Minimum Time below Lower Threshold A
03
Gain Range A Control Register
5
4:
Output Polarity LIA-A and LIA-B
3:
Interleaved Channels
2–0:
Linearization Hold-Off Register
04
Lower Threshold B
10
9–0:
Lower Threshold for Input B
05
Upper Threshold B
10
9–0:
Upper Threshold for Input B
06
Dwell Time B
20
19–0:
Minimum Time below Lower Threshold B
07
Gain Range B Control Register
5
4:
Output Polarity LIB-A and LIB-B
3:
Interleaved Channels
2–0:
Linearization Hold-Off Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com