Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624S/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD6624S/PCB
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624S/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6624S/PCB Datasheet HTML 29Page - Analog Devices AD6624S/PCB Datasheet HTML 30Page - Analog Devices AD6624S/PCB Datasheet HTML 31Page - Analog Devices AD6624S/PCB Datasheet HTML 32Page - Analog Devices AD6624S/PCB Datasheet HTML 33Page - Analog Devices AD6624S/PCB Datasheet HTML 34Page - Analog Devices AD6624S/PCB Datasheet HTML 35Page - Analog Devices AD6624S/PCB Datasheet HTML 36Page - Analog Devices AD6624S/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
REV. B
AD6624
–33–
The SCLK can be generated and run up to a maximum of
80 MHz. The serial division bits from this register are not
used for serial port 0. The external SDIV [3:0] pins are used
to determine this for Serial Port 0.
MICROPORT CONTROL
The AD6624 has an 8-bit microprocessor port and four serial
input ports. The use of each of these ports is described sepa-
rately below. The interaction of the ports is then described. The
microport interface is a multimode interface that is designed to
give flexibility when dealing with the host processor. There are
two modes of bus operation: Intel nonmultiplexed mode (INM),
and Motorola nonmultiplexed mode (MNM). The mode is
selected based on host processor and which mode is best suited
to that processor. The microport has an 8-bit data bus (D[7:0]),
3-bit address bus (A[2:0]), three control pins lines (
CS, DS or
RD, RW or WR), and one status pin (DTACK or RDY). The
functionality of the control signals and status line changes
slightly, depending upon the mode that is chosen. Refer to
the timing diagrams and the following descriptions for details
on the operation of both modes.
External Memory Map
The External Memory Map is used to gain access to the Channel
Address Space described previously. The 8-bit data and address
registers referenced by the external interface registers can be seen
in Table XI. (These registers are collectively referred to as the
External Interface Registers since they control all accesses to the
Channel Address space as well as global chip functions.) The use
of each of these individual registers is described below in detail.
It should be noted that the Serial Control interface to Chan-
nel 0 has the same memory map as the microport interface
and can carry out exactly the same functions, although at a
slower rate.
Access Control Register (ACR)
The Access Control Register serves to define the channel or chan-
nels that receive an access from the microport or Serial Port 0.
Bit 7 of this register is the autoincrement bit. If this bit is a 1,
the CAR register described below will increment its value after
every access to the channel. This allows blocks of address space
such as Coefficient Memory to be initialized more efficiently.
Bit 6 of the register is the broadcast bit and determines how
Bits 5–2 are interpreted. If broadcast is 0, Bits 5–2, which are
referred to as instruction bits (Instruction [3:0]), are compared
with the CHIP_ID [3:0] pins. The instruction that matches the
CHIP_ID [3:0] pins will determine the access. This allows up to
16 chips to be connected to the same port and memory mapped
without external logic. This also allows the same serial port of a
host processor to configure up to 16 chips. If the broadcast bit is
high, the Instruction [3:0] word allows multiple AD6624 chan-
nels and/or chips to be configured simultaneously, independent
of the CHIP_ID[3:0] pins. Ten possible instructions are defined
in Table XII. This is useful for smart antenna systems where
multiple channels listening to a single antenna or carrier can be
simultaneously configured. The x(s) in the table represent “don’t
cares” in the digital decoding.
Table XI. External Memory Map
A[2:0] Name
Comment
111
Access Control Register (ACR)
7:
Auto Increment
6:
Broadcast
5–2:
Instruction[3:0]
1–0:
A[9:8]
110
Channel Address Register (CAR)
7–0:
A[7:0]
101
SOFT_SYNC Control Register
(Write Only)
7:
PN_EN
6:
Test_MUX_Select
5:
Hop
4:
Start
3:
SYNC 3
2:
SYNC 2
1:
SYNC 1
0:
SYNC 0
100
PIN_SYNC Control Register
(Write Only)
7:
Toggle IEN for
BIST
6:
First SYNC Only
5:
Hop_En
4:
Start_En
3:
SYNC_EN 3
2:
SYNC_EN 2
1:
SYNC_EN 1
0:
SYNC_EN 0
011
SLEEP
(Write Only)
7–6:
Reserved
5:
Access Input Port
Control Registers
4:
Serial Read 0
3:
SLEEP
2:
SLEEP 2
1:
SLEEP 1
0:
SLEEP 0
010
Data Register 2 (DR2)
7–4:
Reserved
3–0:
D [19:16]
001
Data Register 1 (DR1)
15–8: D [15:8]
000
Data Register 0 (DR0)
7–0:
D [7:0]
Table XII. Microport Instructions
Instruction
Comment
0000
All chips and all channels will get the access.
0001
Channel 0, 1, 2 of all chips will get the access.
0010
Channel 1, 2, 3 of all chips will get the access.
0100
All chips will get the access.*
1000
All chips with Chip_ID[3:0] = xxx0 will get
the access.*
1001
All chips with Chip_ID[3:0] = xxx1 will get
the access.*
1100
All chips with Chip_ID[3:0] = xx00 will get
the access.*
1101
All chips with Chip_ID[3:0] = xx01 will get
the access.*
1110
All chips with Chip_ID[3:0] = xx10 will get
the access.*
1111
All chips with Chip_ID[3:0] = xx11 will get
the access.*
*A[9:8] bits control which channel is decoded for the access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com