Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624S/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD6624S/PCB
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624S/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6624S/PCB Datasheet HTML 10Page - Analog Devices AD6624S/PCB Datasheet HTML 11Page - Analog Devices AD6624S/PCB Datasheet HTML 12Page - Analog Devices AD6624S/PCB Datasheet HTML 13Page - Analog Devices AD6624S/PCB Datasheet HTML 14Page - Analog Devices AD6624S/PCB Datasheet HTML 15Page - Analog Devices AD6624S/PCB Datasheet HTML 16Page - Analog Devices AD6624S/PCB Datasheet HTML 17Page - Analog Devices AD6624S/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
REV. B
AD6624
–14–
EXAMPLE FILTER RESPONSE
kHz
10
–1000
1000
–800 –600 –400 –200
0
200
400
600
800
0
–50
–20
–40
–10
–30
–60
0
–80
–100
–70
–90
–110
–120
–140
–130
–150
Figure 19. Filter Response
The filter in Figure 19 is based on a 65 MSPS input data rate
and an output rate of 541.6666 kSPS (two samples per symbol
for EDGE). Total decimation rate is 120 distributed between
the rCIC2, CIC5, and RCF.
kHz
10
–500
–400
–200
0
200
400
500
0
–50
–20
–40
–10
–30
–60
0
–80
–100
–70
–90
–110
–120
–140
–130
–150
Figure 20. Filter Response
The filter in Figure 20 is designed to meet the IS-136 specifica-
tions. For this configuration, the clock is set to 61.44 MSPS
with a total decimation rate of 320 providing an output data
rate of 192 kSPS or four samples per symbol.
INPUT DATA PORTS
The AD6624 features dual, high speed ADC input ports, Input
Port A and Input Port B. The dual input ports allow for the
most flexibility with a single tuner chip. These can be diversity
inputs or truly independent inputs such as separate antenna
segments. Either ADC port can be routed to one of four tuner
channels. For added flexibility, each input port can be used to
support multiplexed inputs such as those found on the AD6600
or other ADCs with muxed outputs. This added flexibility
can allow for up to four different analog sources to be pro-
cessed simultaneously by the four internal channels.
In addition, the front end of the AD6624 contains circuitry that
enables high speed signal level detection and control. This is
accomplished with a unique high speed level detection circuit
that offers minimal latency and maximum flexibility to control
up to four analog signal paths. The overall signal path latency
from input to output on the AD6624 can be expressed in high-
speed clock cycles. The equation below can be used to calculate
the latency.
TLATENCY = MrC1C2(MCIC5 + 7) + NTAPS = 4(SDIV + 1) +18
MrC1C2 and MCIC5 are decimation values for the rC1C2 and
CIC5 filters, respectively, NTAPS is the number RCF taps cho-
sen, and SDIV is the chosen SCLK divisor factor.
Input Data Format
Each input port consists of a 14-bit mantissa and 3-bit exponent. If
interfacing to a standard ADC is required, the exponent bits can
be grounded. If connected to a floating point ADC such as the
AD6600, the exponent bits from that product can be connected
to the input exponent bits of the AD6624. The mantissa data
format is twos complement and the exponent is unsigned binary.
Input Timing
The data from each high speed input port is latched on the
rising edge of CLK. This clock signal is used to sample the
input port and clock the synchronous signal processing stages
that follow in the selected channels.
CLK
IN[13:0]
EXP[2:0]
DATA
tSI
tHI
Figure 21. Input Data Timing Requirements
The clock signals can operate up to 80 MHz and have a 50% duty
cycle. In applications using high-speed ADCs, the ADC sample
clock or data valid strobe is typically used to clock the AD6624.
CLK
tCLK
tCLKH
tCLKL
Figure 22. CLK Timing Requirements
Input Enable Control
There is an IENA and an IENB pin for the Input Port A and
Input Port B, respectively. There are four modes of operation
used for each IEN pin. Using these modes, it is possible to
emulate operation of the other RSPs such as the AD6620, which
offer dual channel modes normally associated with diversity
operations. These modes are: IEN transition to low, IEN transi-
tion to high, IEN high, and blank on IEN low.
In the IEN high mode, the inputs and normal operations occur
when the Input Enable is high. In the IEN transition to low
mode, normal operations occur on the first rising edge of the
clock after the IEN transitions to low. Likewise, in the IEN
transition to high mode, operations occur on the rising edge of
the clock after the IEN transitions to high. See the Numerically
Controlled Oscillator section for more details on configuring the
Input Enable Modes. In blank on IEN low mode, the input data
is interpreted as zero when IEN is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com