Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5960ACCZ-R7
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5960ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADL5960
SERIAL PERIPHERAL INTERFACE
analog.com
Rev. A | 29 of 32
Table 12. ADL5960 SPI Register Details (Continued)
Addr
Name
Bits
Bit Name
Description
Reset
Access
6
CSB_STALL
CS Stalling. When Single Instruction is enabled and CS stalling is enabled, the
CS signal does not reset the SPI state machine when pulled high. When CS
stalling is disabled, the SPI state machine always resets when CS signal is
high.
0x0
R/W
5
CONTROLLER_TARGET_RB Controller or Target Device Readback. Setting this bit allows readback of the
SPI controller flip-flop outputs. Clearing this bit provides access to the internal
SPI register outputs.
0x0
R/W
[4:0]
RESERVED
Reserved.
0x0
R
0x02
DEVICE_CONFIG
[7:2]
RESERVED
Reserved.
0x0
R/W
1
SHUTDOWN
Device Shutdown. If shutdown is asserted, the device is powered off. See also
the EN Interface section.
0x0
R/W
0: Normal Operation.
1: Shutdown.
0
RESERVED
Reserved.
0x0
R
0x03
CHIPTYPE
[7:0]
CHIPTYPE
Chip Type, read only.
0x1
R
0x04
PRODUCT_ID_L
[7:0]
PRODUCT_ID_L
Product_ID_L, lower 8 Bits.
0x60
R
0x05
PRODUCT_ID_H
[7:0]
PRODUCT_ID_H
Product_ID_H, higher 8 Bits.
0x59
R
0x20
LO_CONFIG
[7:5]
RESERVED
Reserved.
0x0
R
4
BYPASS
Bypass LO Path. When asserted, the LO chain is configured to have all
multipliers and dividers turned off. IFMODE and LOMODE have no effect. The
LO inputs are connected to the RF mixers by the LO amplifier only.
0x1
R/W
[3:2]
OFMODE
OFMODE. Configures the divider in the offset reference frequency interface.
0x2
R/W
00: ×1 no dividers enabled.
01: Divide by 2 mode.
10: Divide by 4 mode.
11: Dividers off, offset reference signal disconnected.
[1:0]
LOMODE
LOMODE. Configures the LO chain divider and multipliers.
0x1
R/W
00: Divide by 2.
01: Multiply by 1×.
10: Multiply by 2 (2×).
11: Multiply by 4 (4×).
0x21
CT2
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
CT2
CT2 Filter Setting. Sets the center frequency of the filter in the 2× frequency
multiplier in the LO interface.
0x0
R/W
0x22
CT4
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CT4
CT4 Filter Setting. Sets the center frequency of the filter in the 4× frequency
multiplier in the LO interface.
0x0
R/W
0x23
FGAIN
7
RESERVED
Reserved.
0x0
R
[6:0]
FGAIN
Forward Gain. Configures the gain of the IF amplifier in the forward path, to
the IFFP and IFFM output, in 6 dB steps. Decimal register value represents
the gain in dB.
0x0
R/W
0x24
RGAIN
7
RESERVED
Reserved.
0x0
R
[6:0]
RGAIN
Reverse Gain. Configures the gain of the IF amplifier in the reverse path, to
the IFRP and IFRM output, in 6 dB steps. Decimal register value represents
the gain in dB. Refer to Table 11.
0x0
R/W
0x25
CIF2_CIF1
[7:4]
CIF2
Narrow-Band IF Filter Setting. Sets the corner frequency of the narrow
bandwidth IF filter. Refer to Figure 25.
0x0
R/W
[3:0]
CIF1
Wideband IF Filter Setting. Sets the corner frequency of the wide bandwidth IF
filter. Refer to Figure 22.
0x0
R/W
0x26
TDEG
[7:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com