Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5960ACCZ-R7
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5960ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Data Sheet
ADL5960
THEORY OF OPERATION
analog.com
Rev. A | 16 of 32
The ADL5960 is designed to enable broadband multiport network
analyzer solutions in a small footprint.
The ADL5960 is built around an integrated broadband bidirectional
resistive bridge and coupled to broadband dual downconversion
mixers. The differential IF outputs of the mixers are passed through
low-pass filters with SPI-programmable bandwidth and IF amplifiers
with individually SPI-programmable gain.
The LO interface to the mixers supports multiple SPI-programmable
configurations, and is designed to simplify the frequency plan in
a vector network analyzer application. The LO interface contains
frequency multipliers and dividers that enable a wider frequency
range of operation than supported by the LO signal source itself.
A second input to the LO interface, the offset interface formed by
the OFP and OFM pins, enables a zero-offset operating mode with
greatly simplified frequency plan. In this mode, only a single swept
high-frequency signal source is needed, driving both the RF and LO
interfaces of the ADL5960. The signal supplied to the OF interface
controls the frequency of the IF output signal as it mixes with the
LO signal supplied to the LOP/LOM interface before driving the
downconversion mixers.
Multiple ADL5960 devices can be phase synchronized and operat-
ed simultaneously, which enables the construction of small footprint
multiport network analyzers using one ADL5960 device per network
analyzer port.
BASIC ONE-PORT VECTOR NETWORK
ANALYZER
A one-port vector network analyzer, or reflectometer, can be used
to measure the magnitude and phase of the reflection coefficient of
an unknown load vs. frequency.
Figure 52 shows the basic configuration of a one-port analyzer
based on the ADL5960. The RFIN interface of the ADL5960 con-
nects to the RF signal source (typically continuous wave), while the
RFOUT interface connects to the unknown load, the device under
test (DUT). Because the ADL5960 is completely symmetric, the RF
source can also be connected to RFOUT and the load to RFIN. The
RF source injects an incident RF signal into the directional bridge
of the ADL5960, traveling from the source to the load. At the load,
part of this incident power wave is reflected and travels back to the
source, while the other part is absorbed by the load. The reflection
coefficient to be measured (both magnitude and phase) equals the
ratio of the reflected power to the incident power at the load. For
proper operation of the bidirectional bridge, it is important that the
RF signal source has a 50 Ω characteristic impedance. The LO
interface can either be driven by a 50 Ω single-ended source or a
100 Ω differential source.
The directional bridge on the ADL5960 supplies a fraction of the in-
cident signal to the input of the forward IF channel, and, likewise, a
fraction of the reflected signal to the input of the reverse IF channel.
Both these IF signals are downconverted, filtered, amplified, and
made available at the differential IF channel output interfaces, IFFx
(with the IFFP and IFFM terminals) and IFRx (with the IFRP and
IFRM terminals), respectively.
After analog-to-digital conversion, the IF output signals representing
the incident and reflected waves are digitally quadrature (complex)
downconverted, filtered, and decimated. Finally, their ratio (reflect-
ed/forward) is calculated to obtain the (complex) reflection coeffi-
cient.
Figure 52. ADL5960 Used as One-Port VNA (Reflectometer)
FREQUENCY PLANNING—LO
CONFIGURATIONS
The LO interface of the ADL5960 supports several different configu-
rations, some of which significantly simplify the VNA configuration
in exchange for slightly degraded accuracy.
The bypass mode, selected by setting Bit 4 in Register 0x20, is
the most basic and highest performance mode of operation of the
ADL5960. In this mode, the LO signal supplied to the LO interface
(that is, the LOP and LOM pins) directly drives the downconversion
mixers, bypassing the frequency multipliers, dividers, and offset
mixer. To maintain a fixed IF output frequency, the LO signal must
maintain a fixed frequency offset relative to the RF signal across
the entire frequency sweep.
fLO=fRF±fIF
(1)
The + sign corresponds to high-side injection, and the − sign
corresponds to low-side injection. High-side injection often results
in slightly improved dynamic range, because more of the mixing
products calculate out at higher frequencies than the desired IF
signal and can be suppressed by low-pass filtering. The ADL5960
supports IF frequencies up to 100 MHz. For high dynamic range
analog-to-digital conversion, an IF frequency of a few MHz is often
preferable, but an IF of 2 MHz to 3 MHz creates challenges for the
signal sources, requiring an accurate, small frequency offset of a
few MHz between RF and LO up to 20 GHz signal frequencies.
The frequency divider and frequency multipliers integrated into the
LO interface of the ADL5960 enable measurement sweeps beyond
the frequency range supported by the LO source itself, typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com