Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5960ACCZ-R7
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5960ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet
ADL5960
APPLICATIONS INFORMATION
analog.com
Rev. A | 24 of 32
Figure 63. Simplified Schematic of the Common-Mode Control Interface
LOP and LOM Interface
The LO interface can be driven differentially or single-ended. A dif-
ferentially driven LO with a well designed PCB layout (for example,
using a ground, signal, signal, ground coplanar waveguide) can
help to reduce LO signal radiated emission and unwanted coupling
to other nets in the system. The LOP and LOM inputs are internally
biased at AVCC/2. When driven single-ended, the internal 100 Ω
termination can be impedance matched using a 2:1 external balun.
Figure 64. Simplified LO Interface
OFP and OFM Interface
The offset frequency interface (OFP and OFM) is internally biased
at a common-mode level of 3.3 V, and must be AC-coupled to
an external signal source. The inputs can be driven differentially
or single-ended with one terminal AC-grounded with a high value
capacitor. A value of 10 nF or higher is recommended for a 400 kHz
input frequency.
Figure 65. Simplified Offset Frequency Interface
EN Interface
The chip is in shutdown if either the shutdown bit in DEVICE_CON-
FIG (Register 0x02, Bit 1) is set, or the EN pin is deasserted. An
internal 415 kΩ pull-down ensures the device is off (shut down) if
the pin is left floating.
Figure 66. Simplified Enable Interface
SYNC and SCK Interfaces
The SYNC and SCK interfaces are both high-impedance CMOS
logic input interfaces. As listed in Table 1, the logic high and logic
low levels are defined relative to the serial port supply interface,
OVDD. Both inputs are internally pulled low when left floating.
Figure 67. SYNC and SPI Clock Interface
The SYNC interface is used to synchronize all ADL5960 devices
in a system. A falling edge on this interface resets the frequency
dividers in the LO and OF interfaces to a known, predefined state.
All ADL5960 devices receive the negative SYNC edge before the
next edge on the LO or OF interface arrives. The SYNC pulse can
also be applied directly after power-on, before an LO and OF clock
are applied.
CS Interface
The CS interface controls the start and ending of the communica-
tion through the serial interface of the device. The SPI is active
when the voltage on CS represents logic low and is disabled when
the voltage on CS is logic high, as defined in Table 1. The input is
internally pulled high, disabling the SPI, when this pin is left floating.
Figure 68. SPI Chip Select Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com