Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5960ACCZ-R7
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5960ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5960ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Data Sheet
ADL5960
SPECIFICATIONS
analog.com
Rev. A | 4 of 32
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fRF = 15 GHz
47.7
dB
fRF = 18 GHz
49.5
dB
fRF = 20 GHz
51.7
dB
LO INTERFACE
LOP, LOM
Input Frequency Range
BYPASS = 1
0.01 to 20
GHz
BYPASS = 0, LOMODE = 0 (divide by 2)
0.02 to 2.4
GHz
BYPASS = 0, LOMODE = 1 (1×)
0.01 to 20
GHz
BYPASS = 0, LOMODE = 2 (2×)
2 to 8
GHz
BYPASS= 0, LOMODE = 3 (4×)
4 to 8
GHz
Return Loss
Characteristic impedance (ZO) = 100 Ω differential
>10
dB
Input Power
−6
0
+6
dBm
LO to RF Leakage
BYPASS = 1, fLO
−77.3
dBm
BYPASS = 0, LOMODE = 0 (divide by 2), fLO/2
−83.4
dBm
BYPASS = 0, LOMODE = 0 (divide by 2), fLO
−72.1
dBm
BYPASS = 0, LOMODE = 1 (1×), fLO
−80.4
dBm
BYPASS = 0, LOMODE = 2 (2×), fLO
−86.4
dBm
BYPASS = 0, LOMODE = 2 (2×), 2fLO
−81.7
dBm
BYPASS = 0, LOMODE = 3 (4×), fLO
−93.4
dBm
BYPASS = 0, LOMODE = 3 (4×), 2fLO
−102
dBm
BYPASS = 0, LOMODE = 3 (4×), 4fLO
−92.1
dBm
LO to IF Leakage
fRF = 50 MHz, differential
13.6
dBV
OFFSET FREQUENCY (OF) INTERFACE
OFP, OFM
Input Frequency Range
0.1 to 400
MHz
OF Induced Spurious Tone at fIF4
OFMODE = 2 (divide by 4), 3fIF = 1.5 MHz
−3.2
dBc
5fIF = 2.5 MHz
−6.2
dBc
7fIF = 3.5 MHz
−8.7
dBc
Input Impedance
Differential
10||0.5
kΩ||pF
Voltage Swing
Differential
0.125
0.5
2.0
V p-p
IF OUTPUT INTERFACE
IFFP/IFFM and IFRP/IFRM
Output Frequency Range
0.1 to 100
MHz
Maximum Peak-to-Peak Voltage
Differential
8
V p-p
Short-Circuit Output Current
Single-ended, sourcing, output voltage = 0 V
200
mA
Output Noise Spectral Density
f = fIF = 500 kHz, FGAIN = RGAIN = 60 (decimal), differential
207
μV/√Hz
VCM INTERFACE
VCM
Input Voltage Range
1.0
4.0
V
Output VCM Error
IF output common-mode voltage (VCM)
−100
0
+100
mV
Input Impedance
10k || 4p
Ω || F
ENABLE INTERFACE
EN
Logic Low Input Voltage
0.8
V
Logic High Input Voltage
2.0
V
Current into pin
20
µA
SPI AND SYNC INTERFACE
CS, SCK, SDIO, SYNC
Logic Low Input Voltage
0.3 × OVDD
V
Logic High Input Voltage
0.7 × OVDD
V
Input Voltage Hysteresis
209
mV
Current into Pin
CS, SCK, SYNC
20
µA
Logic Low Output Voltage
SDIO, sinking 10 mA
0.3 × OVDD
V
Logic High Output Voltage
SDIO, sourcing 10 mA
0.7 × OVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com