Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8317ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8317ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 MHz to 10 GHz, 50 dB
Log Detector/Controller
AD8317
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 1 MHz to 10 GHz
High accuracy: ±1.0 dB over temperature
50 dB dynamic range up to 8 GHz
Stability over temperature ±0.5 dB
Low noise measurement/controller output VOUT
Pulse response time: 8/10 ns (fall/rise)
Small footprint 2 mm x 3 mm CSP package
Supply operation: 3.0 V to 5.5 V @ 22 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
Power monitoring in radiolink transmitters
RSSI measurement in base stations, WLAN, WiMAX, radar
GENERAL DESCRIPTION
The AD8317 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in
either measurement or controller modes. The AD8317 maintains
accurate log conformance for signals of 1 MHz to 8 GHz and
provides useful operation to 10 GHz. The input dynamic range
is typically 50 dB (re: 50 Ω) with error less than ±1 dB. The AD8317
has 8/10 ns response time (fall time/rise time) that enables RF
burst detection to a pulse rate of beyond 50 MHz. The device
provides unprecedented logarithmic intercept stability vs. ambient
temperature conditions. A supply of 3.0 V to 5.5 V is required to
power the device. Current consumption is typically 22 mA, and it
decreases to 200 μA when the device is disabled.
The AD8317 can be configured to provide a control voltage to
a power amplifier or a measurement output from the VOUT
pin. Because the output can be used for controller applications,
special attention has been paid to minimize wideband noise. In this
mode, the setpoint control voltage is applied to the VSET pin.
FUNCTIONAL BLOCK DIAGRAM
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TADJ
VPOS
COMM
Figure 1.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier’s output to a magnitude
corresponding to VSET. The AD8317 provides 0 V to (VPOS − 0.1 V)
output capability at the VOUT pin, suitable for controller applica-
tions. As a measurement device, VOUT is externally connected to
VSET to produce an output voltage VOUT that is a decreasing
linear-in-dB function of the RF input signal amplitude.
The logarithmic slope is −22 mV/dB, determined by the VSET
interface. The intercept is +15 dBm (re: 50 Ω, CW input) using
the INHI input. These parameters are very stable against supply
and temperature variations.
The AD8317 is fabricated on a SiGe bipolar IC process and is
available in a 2 mm × 3 mm, 8-lead LFCSP_VD package for an
operating temperature range of −40oC to +85oC.


Similar Part No. - AD8317ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8317ACPZ-R7 AD-AD8317ACPZ-R7 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8317ACPZ-R7 AD-AD8317ACPZ-R7 Datasheet
756Kb / 19P
Log Detector/Controller
Aug-2017
AD8317ACPZ-R7 AD-AD8317ACPZ-R7 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
Rev. D
More results

Similar Description - AD8317ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
9/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com