Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8317ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8317ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8317
Rev. 0 | Page 13 of 20
1.5k
Ω
ISET
COMM
VSET
VSET
COMM
20k
Ω
20k
Ω
Figure 25. VSET Interface
The slope is given by –ID × 2x × 1.5 kΩ = −22 mV/dB × x. For
example, if a resistor divider to ground is used to generate a VSET
voltage of VOUT/2, then x = 2. The slope is set to −880 V/decade
or −44 mV/dB.
TEMPERATURE COMPENSATION OF OUTPUT
VOLTAGE
The primary component of the variation in VOUT vs. temperature,
as the input signal amplitude is held constant, is the drift of the
intercept. This drift is also a weak function of the input signal
frequency, so provision is made for optimization of internal
temperature compensation at a given frequency by providing
Pin TADJ.
COMM
COMM
ICOMP
VINTERNAL
TADJ
RTADJ
1.5k
Ω
AD8317
Figure 26. TADJ Interface
The Resistor RTADJ is connected between this pin and ground.
The value of this resistor partially determines the magnitude
of an analog correction coefficient, which is used to reduce
intercept drift.
The relationship between output temperature drift and
frequency is not linear and cannot be easily modeled. As
a result, experimentation is required to choose the correct
TADJ resistor. Table 4 shows the recommended values for
some commonly used frequencies.
Table 4: Recommended RTADJ Resistor Values
Frequency
Recommended RTADJ
50 MHz
18 kΩ
100 MHz
18 kΩ
900 MHz
18 kΩ
1.8 GHz
8 kΩ
1.9 GHz
8 kΩ
2.2 GHz
8 kΩ
3.6 GHz
8 kΩ
5.3 GHZ
500 Ω
5.8 GHz
500 Ω
8 GHz
Open
MEASUREMENT MODE
When the VOUT voltage or a portion of the VOUT voltage is fed
back to the VSET pin, the device operates in measurement
mode. As seen in Figure 27, the AD8317 has an offset voltage,
a negative slope, and a VOUT measurement intercept at the high
end of its input signal range.
0
0.25
0.50
0.75
1.00
1.25
1.50
2.00
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
15
PIN (dBm)
RANGE FOR
CALCULATION OF
SLOPE AND INTERCEPT
VOUT 25°C
ERROR 25°C
1.75
INTERCEPT
Figure 27. Typical Output Voltage vs. Input Signal
The output voltage vs. input signal voltage of the AD8317 is
linear-in-dB over a multidecade range. The equation for this
function is of the form
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT) =
(1)
X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(2)
where:
X is the feedback factor in VSET = VOUT/X.
VSLOPE/DEC is nominally –440 mV/decade or −22 mV/dB.
VINTERCEPT is the x-axis intercept of the linear-in-dB portion of
the VOUT vs. VIN curve (Figure 27).
VINTERCEPT is +2 dBV for a sinusoidal input signal.
An offset voltage, VOFFSET, of 0.35 V is internally added to the
detector signal, so that the minimum value for VOUT is
X × VOFFSET. So for X = 1, minimum VOUT is 0.35 V.
The slope is very stable vs. process and temperature variation.
When base-10 logarithms are used, VSLOPE/DECADE represents the
volts/decade. A decade corresponds to 20 dB; VSLOPE/DECADE/20 =
VSLOPE/dB represents the slope in volts/dB.
As noted in Equation 1 and Equation 2, the VOUT voltage has a
negative slope. This is also the correct slope polarity to control
the gain of many power amplifiers in a negative feedback
configuration. Because both the slope and intercept vary slightly
with frequency, it is recommended to refer to the Specifications
section for application-specific values for slope and intercept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com