Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8317ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8317ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8317
Rev. 0 | Page 14 of 20
Although demodulating log amps respond to input signal voltage,
not input signal power, it is customary to discuss the amplitude
of high frequency signals in terms of power. In this case, the charac-
teristic impedance of the system, Z0, must be known to convert
voltages to their corresponding power levels. The following
equations are used to perform this conversion:
P(dBm) = 10 × log10(Vrms2/(Z0 × 1 mW))
(3)
P(dBV) = 20 × log10(Vrms/1 Vrms)
(4)
P(dBm) = P(dBV) − 10 × log10(Z0 × 1 mW/1 Vrms2)
(5)
For example, PINTERCEPT for a sinusoidal input signal expressed in
terms of dBm (decibels referred to 1 mW), in a 50 Ω system is
PINTERCEPT(dBm) = PINTERCEPT (dBV) – 10 × log10(Z0 ×
1 mW/1 Vrms2) =
(6)
+2 dBV − 10 × log10(50×10-3) = +15 dBm
For a square wave input signal in a 200 Ω system,
PINTERCEPT = −1 dBV − 10 × log10[(200 Ω × 1 mW/1Vrms2)] =
+6 dBm
Further information on the intercept variation dependence upon
waveform can be found in the AD8313 and AD8307 data sheets.
SETTING THE OUTPUT SLOPE
IN MEASUREMENT MODE
To operate in measurement mode, VOUT must be connected to
VSET. Connecting VOUT directly to VSET yields the nominal
logarithmic slope of approximately −22 mV/dB. The output
swing corresponding to the specified input range is then approxi-
mately 0.35 V to 1.7 V. The slope and output swing can be
increased by placing a resistor divider between VOUT and
VSET (that is, one resistor from VOUT to VSET and one
resistor from VSET to ground). The input impedance of VSET
is approximately 40 kΩ. Slope-setting resistors should be kept
below 20 kΩ to prevent this input impedance from affecting
the resulting slope. If two equal resistors are used (for example,
10 kΩ/10 kΩ), the slope doubles to approximately −44 mV/dB.
VOUT
AD8317
–44mV/dB
VSET
10k
Ω
10k
Ω
Figure 28. Increasing the Slope
CONTROLLER MODE
The AD8317 provides a controller mode feature at the VOUT
pin. Using VSET for the setpoint voltage, it is possible for the
AD8317 to control subsystems, such as power amplifiers (PAs),
variable gain amplifiers (VGAs), or variable voltage attenuators
(VVAs) that have output power that increases monotonically
with respect to their gain control signal.
To operate in controller mode, the link between VSET and
VOUT is broken. A setpoint voltage is applied to the VSET
input, VOUT is connected to the gain control terminal of the
variable gain amplifier (VGA), and the detector’s RF input is
connected to the output of the VGA (usually using a directional
coupler and some additional attenuation). Based on the defined
relationship between VOUT and the RF input signal when the device
is in measurement mode, the AD8317 adjusts the voltage on
VOUT (VOUT is now an error amplifier output) until the level
at the RF input corresponds to the applied VSET. When the AD8317
operates in controller mode, there is no defined relationship
between VSET and VOUT voltage; VOUT settles to a value that results in
the correct input signal level appearing at INHI/INLO.
For this output power control loop to be stable, a ground-
referenced capacitor must be connected to the CLPF pin. This
capacitor, CFLT, integrates the error signal (in the form of a
current) to set the loop bandwidth and ensure loop stability.
Further details on control loop dynamics can be found in the
AD8315 data sheet.
RFIN
VGA/VVA
GAIN
CONTROL
VOLTAGE
DIRECTIONAL
COUPLER
ATTENUATOR
INHI
VSET
INLO
CLPF
VOUT
AD8317
52.3
Ω
47nF
CFLT
47nF
DAC
Figure 29. AD8317 Controller Mode
Decreasing VSET, which corresponds to demanding a higher
signal from the VGA, increases VOUT. The gain control voltage
of the VGA must have a positive sense. A positive control
voltage to the VGA increases the gain of the device.
The basic connections for operating the AD8317 in an automatic
gain control (AGC) loop with the ADL5330 are shown in
Figure 30. The ADL5330 is a 10 MHz to 3 GHz variable gain
amplifier. It offers a large gain control range of 60 dB with
±0.5 dB gain stability. This configuration is similar to Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com