Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8317ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8317ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8317
Rev. 0 | Page 17 of 20
EVALUATION BOARD
Table 5. Evaluation Board (Rev. A) Configuration Options
Component
Function
Default Conditions
VPOS, GND
Supply and Ground Connections.
Not applicable
R1, C1, C2
Input Interface.
The 52.3
Ω resistor in position R1 combines with the AD8317's internal input
impedance to give a broadband input impedance of about 50
Ω. Capacitor
C1 and Capacitor C2 are dc-blocking capacitors. A reactive impedance
match can be implemented by replacing R1 with an inductor and C1 and C2
with appropriately valued capacitors.
R1 = 52.3
Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
R5, R7
Temperature Compensation Interface.
The internal temperature compensation network is optimized for input signals
up to 3.6 GHz when R7 is 10 k
Ω. This circuit can be adjusted to optimize
performance for other input frequencies by changing the value of the
resistor in position R7. See Table 4 for specific TADJ resistor values.
R5 = 200
Ω (Size 0402)
R7 = open (Size 0402)
R2, R3, R4, R6, RL,
CL
Output Interface—Measurement Mode.
In measurement mode, a portion of the output voltage is fed back to Pin VSET
via R2. The magnitude of the slope of the VOUT output voltage response can
be increased by reducing the portion of VOUT that is fed back to VSET. R6 can
be used as a back-terminating resistor or as part of a single-pole, low-pass
filter.
R2 = 0
Ω (Size 0402)
R3 = open (Size 0402)
R4 = open (Size 0402)
R6 = 1 k
Ω (Size 0402)
RL = CL = open (Size 0402)
R2, R3
Output Interface—Controller Mode.
In this mode, R2 must be open. In controller mode, the AD8317 can control the
gain of an external component. A setpoint voltage is applied to Pin VSET, the
value of which corresponds to the desired RF input signal level applied to the
AD8317 RF input. A sample of the RF output signal from this variable-gain
component is selected, typically via a directional coupler, and applied to
AD8317 RF input. The voltage at Pin VOUT is applied to the gain control of
the variable gain element. A control voltage is applied to Pin VSET. The
magnitude of the control voltage can optionally be attenuated via the
voltage divider comprising R2 and R3, or a capacitor can be installed in
position R3 to form a low-pass filter along with R2.
R2 = open (Size 0402)
R3 = open (Size 0402)
C4, C5,
Power Supply Decoupling.
The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the AD8317 and a 0.1 μF capacitor placed nearer to the
power supply input pin.
C5 = 100 pF (Size 0402)
C4 = 0.1 μF (Size 0603)
C3
Filter Capacitor.
The low-pass corner frequency of the circuit that drives Pin VOUT can be
lowered by placing a capacitor between CLPF and ground. Increasing this
capacitor increases the overall rise/fall time of the AD8317 for pulsed input
signals. See the Output Filtering section for more details.
C3 = 8.2 pF (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com