Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 10 Page - ams AG

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 10 Page - ams AG

Back Button KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 6Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 7Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 8Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 9Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 10Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 11Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 12Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 13Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
KY CSLNM1.FY
10 Version 1.1 | 2020-10-30
Forward Voltage 5)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 1000 mA
KY CSLNM1.FY
-40-20 020406080 100120140
Tj /°C
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆VF /V
Relative Luminous Flux 5)
Φ
v/Φv(25 °C) = f(Tj); IF = 1000 mA
KY CSLNM1.FY
-40-20 020406080 100120140
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
Chromaticity Coordinate Shift 5)
ΔCx, ΔCy = f(T
j); IF = 1000 mA
KY CSLNM1.FY
-40-20 020406080 100120140
Tj /°C
0.3
0.4
0.5
0.6
Cx
Cy
:Cx
:Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com