Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 12 Page - ams AG

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 12 Page - ams AG

Back Button KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 8Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 9Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 10Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 11Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 12Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 13Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 14Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 15Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
KY CSLNM1.FY
12 Version 1.1 | 2020-10-30
Permissible F. Handling Capability
f: Frequency
0102030405060708090 100
Duty Cycle /%
0
1
2
3
4
IF /A
KY CSLNM1.FY
TS =0°C ... 91°C
:f= 60Hz
:f= 120Hz
:f= 240Hz
:f= 400Hz
:f= 800Hz
:f= 1000Hz
Permissible F. Handling Capability
f: Frequency
"" "
0102030405060708090 100
Duty Cycle /%
0
1
2
3
4
IF /A
KY CSLNM1.FY
TS = 125°C
:f= 60Hz
:f= 120Hz
:f= 240Hz
:f= 400Hz
:f= 800Hz
:f= 1000Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com