Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 3 Page - ams AG

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 3 Page - ams AG

  KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 1Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 2Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 3Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 4Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 5Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 6Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 7Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 8Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
KY CSLNM1.FY
3 Version 1.1 | 2020-10-30
Characteristics
I
F = 1000 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 2)
Cx
Cy
typ.
typ.
0.57
0.42
Viewing angle at 50% I
V
2φ
typ.
120 °
Radiating surface
A
color
typ.
1.0 x 1.0 mm²
Forward Voltage 3)
I
F = 1000 mA
V
F
min.
typ.
max.
2.75 V
3.00 V
3.35 V
Real thermal resistance junction/solderpoint 4)
R
thJS real
typ.
max.
4.1 K / W
4.9 K / W
Electrical thermal resistance junction/solderpoint 4)
with efficiency η
e = 18 %
R
thJS elec.
typ.
max.
3.4 K / W
4.0 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com