Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 19 Page - ams AG

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 19 Page - ams AG

Back Button KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 13Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 14Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 15Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 16Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 17Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 18Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 19Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 20Page - ams AG KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
KY CSLNM1.FY
19 Version 1.1 | 2020-10-30
Chip Technology:
P:
Standard power class
N:
Standard power class
Encapsulant Type / Lens Properties
L:
No lens (Lambertian)
Wavelength
Emission
(λ
dom typ.)
W:
white
Y:
yellow
B:
470 nm
blue
R:
625 nm
red
P:
560 nm
pure green
T:
519 nm
true green
Product
version
K:
Automotive
and Industry
Product
Technology Concept
M:
Silicone encapsulation
molding)
L:
Silicone casting
Platform: Ceramic
Package Type
C: Toplooker
Ceramic package
w/o reflector
Lead / Package Properties
TOPlooker:
S:
3131
Ceramic packages:
S: 3030
Type Designation System
K
B
C
S
L
N
M
1
.
1
4
Binning Information:
1:
3:
mlm
4:
mW
G:
ECE binning:IEC 62707
(ebxD46 System)
Y:
Cx;Cy acc. to CIE 1931
Special Characteristic
1: InGaN saturated colors
2: INGaAlP or AlGaAs
saturated colors
F: Full conversion
(color depending on color
description)
T: greenish cold white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com