Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9510 Datasheet HTML 42Page - Analog Devices AD9510 Datasheet HTML 43Page - Analog Devices AD9510 Datasheet HTML 44Page - Analog Devices AD9510 Datasheet HTML 45Page - Analog Devices AD9510 Datasheet HTML 46Page - Analog Devices AD9510 Datasheet HTML 47Page - Analog Devices AD9510 Datasheet HTML 48Page - Analog Devices AD9510 Datasheet HTML 49Page - Analog Devices AD9510 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AD9510
Rev. A | Page 46 of 60
REGISTER MAP AND DESCRIPTION
SUMMARY TABLE
Table 23. AD9510 Register Map
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Def.
Value
(Hex)
Notes
00
Serial
Control Port
Configuration
SDO Inactive
(Bidirectional
Mode)
LSB
First
Soft
Reset
Long
Instruction
Not Used
10
01
Not Used
02
Not Used
03
Not Used
PLL
PLL Starts
in Power-
Down
04
A Counter
Not Used
6-Bit A Counter <5:0>
00
N Divider
(A)
05
B Counter
Not Used
13-Bit B Counter Bits 12:8 (MSB) <4:0>
00
N Divider
(B)
06
B Counter
13-Bit B Counter Bits 7:0 (LSB) <7:0>
00
N Divider
(B)
07
PLL 1
Not Used
LOR Lock_Del
<6:5>
Not Used
LOR
Enable
Not Used
00
08
PLL 2
Not Used
PFD
Polarity
PLL Mux Select <5:2>Signal on STATUS
pin
CP Mode <1:0>
00
09
PLL 3
Not Used
CP Current <6:4>
Not
Used
Reset R
Counter
Reset N
Counter
Reset All
Counters
00
0A
PLL 4
Not Used
B
Bypass
Not
Used
Prescaler P <4:2>
Power-Down <1:0>
01
N Divider
(P)
0B
R Divider
Not Used
14-Bit R Divider Bits 13:8 (MSB) <5:0>
00
R Divider
0C
R Divider
14-Bit R Divider Bits 13:8 (MSB) <7:0>
00
R Divider
0D
PLL 5
Not Used
Digital
Lock
Det.
Enable
Digital
Lock
Det.
Window
Not Used
Antibacklash
Pulse Width <1:0>
00
OE-
33
Not Used
FINE DELAY
ADJUST
Fine
Delays
Bypassed
34
Delay Bypass 5
Not Used
Bypass
01
Bypass
Delay
35
Delay Full-
Scale 5
Not Used
Ramp Capacitor <5:3>
Ramp Current <2:0>
00
Max.
Delay Full-
Scale
36
Delay Fine
Adjust 5
Not Used
5-Bit Fine Delay <5:1>
Must be
0
00
Min. Delay
Value
37
Not Used
04
38
Delay Bypass 6
Not Used
Bypass
01
Bypass
Delay
39
Delay Full-
Scale 6
Not Used
Ramp Capacitor <5:3>
Ramp Current <2:0>
00
Max.
Delay Full-
Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com