Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9510 Datasheet HTML 28Page - Analog Devices AD9510 Datasheet HTML 29Page - Analog Devices AD9510 Datasheet HTML 30Page - Analog Devices AD9510 Datasheet HTML 31Page - Analog Devices AD9510 Datasheet HTML 32Page - Analog Devices AD9510 Datasheet HTML 33Page - Analog Devices AD9510 Datasheet HTML 34Page - Analog Devices AD9510 Datasheet HTML 35Page - Analog Devices AD9510 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
AD9510
Rev. A | Page 32 of 60
OFF (LOW) (DEFAULT)
DIGITAL LOCK DETECT (ACTIVE HIGH)
N DIVIDER OUTPUT
DIGITAL LOCK DETECT (ACTIVE LOW)
R DIVIDER OUTPUT
ANALOG LOCK DETECT (N-CHANNEL OPEN DRAIN)
A COUNTER OUTPUT
PRESCALER OUTPUT (NCLK)
PFD UP PULSE
PFD DOWN PULSE
LOSS OF REFERENCE (ACTIVE HIGH)
TRI-STATE
ANALOG LOCK DETECT (P-CHANNEL OPEN DRAIN)
LOSS OF REFERENCE OR LOCK DETECT (ACTIVE HIGH)
LOSS OF REFERENCE OR LOCK DETECT (ACTIVE LOW)
LOSS OF REFERENCE (ACTIVE LOW)
PLL MUX CONTROL
08h <5:2>
SYNC DETECT ENABLE
58h <0>
SYNC
DETECT
VS
GND
STATUS
PIN
Figure 37. STATUS Pin Circuit CLK1 Clock Input
PLL Analog Lock Detect
An analog lock detect (ALD) signal may be selected. When
ALD is selected, the signal at the STATUS pin is either an
open-drain P-channel (08h<5:2> = 1100) or an open-drain
N-channel (08h<5:2> = 0101b).
The analog lock detect signal is true (relative to the selected
mode) with brief false pulses. These false pulses get shorter as
the inputs to the PFD are nearer to coincidence and longer as
they are further from coincidence.
To extract a usable analog lock detect signal, an external RC
network is required to provide an analog filter with the
appropriate RC constant to allow for the discrimination of a
lock condition by an external voltage comparator. A 1 kΩ
resistor in parallel with a small capacitance usually fulfills this
requirement. However, some experimentation may be required
to get the desired operation.
The analog lock detect function may introduce some spurious
energy into the clock outputs. It is prudent to limit the use of
the ALD when the best possible jitter/phase noise performance
is required on the clock outputs.
Loss of Reference
The AD9510 PLL can warn of a loss-of-reference signal at
REFIN. The loss-of-reference monitor internally sets a flag
called LREF. Externally, this signal can be observed in several
ways on the STATUS pin, depending on the PLL MUX control
settings in Register 08h<5:2>. The LREF alone can be observed
as an active high signal by setting 08h<5:2> = <1010> or as an
active low signal by setting 08h<5:2> = <1111>.
The loss-of-reference circuit is clocked by the signal from the
VCO, which means that there must be a VCO signal present in
order to detect a loss of reference.
The digital lock detect (DLD) block of the AD9510 requires a
PLL reference signal to be present in order for the digital lock
detect output to be valid. It is possible to have a digital lock
detect indication (DLD = true) that remains true even after a
loss-of-reference signal. For this reason, the digital lock detect
signal alone cannot be relied upon if the reference has been lost.
There is a way to combine the DLD and the LREF into a single
signal at the STATUS pin. Set 08h<5:2> = <1101> to get a signal
that is the logical OR of the loss-of-lock (inverse of DLD) and
the loss-of-reference (LREF) active high. If an active low version
of this same signal is desired, set 08h<5:2> = <1110>.
The reference monitor is enabled only after the DLD signal has
been high for the number of PFD cycles set by the value in
07h<6:5>. This delay is measured in PFD cycles. The delay
ranges from 3 PFD cycles (default) to 24 PFD cycles. When the
reference goes away, LREF goes true and the charge pump goes
into tri-state.
User intervention is required to take the part out of this state.
First, 07h<2> = 0b must be written to disable the loss-of-
reference circuit, taking the charge pump out of tri-state and
causing LREF to go false. A second write of 07h<2> = 1 is
required to re-enable the loss-of-reference circuit.
PLL LOOP LOCKS
DLD GOES TRUE
LREF IS FALSE
CHECK FOR PRESENCE
OR REFERENCE.
LREF STAYS FALSE IF
REFERENCE IS DETECTED.
CHARGE PUMP
GOES INTO TRI-STATE.
LREF SET TRUE.
MISSING
REFERENCE
DETECTED
n PFD CYCLES WITH
DLD TRUE
(n SET BY 07h<6:5>)
WRITE 07h<2> = 0
LREF SET FALSE
CHARGE PUMP COMES
OUT OF TRI-STATE
WRITE 07h<2> = 1
LOR ENABLED
Figure 38. Loss of Reference Sequence of Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com