Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9510 Datasheet HTML 27Page - Analog Devices AD9510 Datasheet HTML 28Page - Analog Devices AD9510 Datasheet HTML 29Page - Analog Devices AD9510 Datasheet HTML 30Page - Analog Devices AD9510 Datasheet HTML 31Page - Analog Devices AD9510 Datasheet HTML 32Page - Analog Devices AD9510 Datasheet HTML 33Page - Analog Devices AD9510 Datasheet HTML 34Page - Analog Devices AD9510 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
AD9510
Rev. A | Page 31 of 60
Table 16. P, A, B, R—Smallest Values for N
FREF
R
P
A
B
N
FVCO
Mode
Notes
10
1
1
X
1
1
10
FD
P = 1, B = 1 (Bypassed)
10
1
2
X
1
2
20
FD
P = 2, B = 1 (Bypassed)
10
1
1
X
3
3
30
FD
P = 1, B = 3
10
1
1
X
4
4
40
FD
P = 1, B = 4
10
1
1
X
5
5
50
FD
P = 1, B = 5
10
1
2
X
3
6
60
FD
P = 2, B = 3
10
1
2
0
3
6
60
DM
P/P + 1 = 2/3, A = 0, B = 3
10
1
2
1
3
7
70
DM
P/P + 1 = 2/3, A = 1, B = 3
10
1
2
2
3
8
80
DM
P/P + 1 = 2/3, A = 2, B = 3
10
1
2
1
4
9
90
DM
P/P + 1 = 2/3, A = 1, B = 4
10
1
2
X
5
10
100
FD
P = 2, B = 5
10
1
2
0
5
10
100
DM
P/P + 1 = 2/3, A = 0, B = 5
10
1
2
1
5
11
110
DM
P/P + 1 = 2/3, A = 1, B = 5
10
1
2
X
6
12
120
FD
P = 2, B = 6
10
1
2
0
6
12
120
DM
P/P + 1 = 2/3, A = 0, B = 6
10
1
4
0
3
12
120
DM
P/P + 1 = 4/5, A = 0, B = 3
10
1
4
1
3
13
130
DM
P/P + 1 = 4/5, A = 1, B = 3
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R counter and the N counter
(N = BP + A) and produces an output proportional to the
phase and frequency difference between them. Figure 36 is a
simplified schematic. The PFD includes a programmable delay
element that controls the width of the antibacklash pulse. This
pulse ensures that there is no dead zone in the PFD transfer
function and minimizes phase noise and reference spurs. Two
bits in Register 0Dh <1:0> control the width of the pulse.
D1
Q1
U1
CLR1
R DIVIDER
HI
UP
D2
Q2
U2
CLR2
N DIVIDER
HI
DOWN
CP
CHARGE
PUMP
VP
GND
U3
PROGRAMMABLE
DELAY
ANTIBACKLASH
PULSE WIDTH
Figure 36. PFD Simplified Schematic and Timing (In Lock)
Antibacklash Pulse
The PLL features a programmable antibacklash pulse width
that is set by the value in Register 0Dh<1:0>. The default
antibacklash pulse width is 1.3 ns (0Dh<1:0> = 00b) and
normally should not need to be changed. The antibacklash
pulse eliminates the dead zone around the phase-locked
condition and thereby reduces the potential for certain spurs
that could be impressed on the VCO signal.
STATUS Pin
The output multiplexer on the AD9510 allows access to
various signals and internal points on the chip at the STATUS
pin. Figure 37 shows a block diagram of the STATUS pin
section. The function of the STATUS pin is controlled by
Register 08h<5:2>.
PLL Digital Lock Detect
The STATUS pin can display two types of PLL lock detect:
digital (DLD) and analog (ALD). Whenever digital lock detect
is desired, the STATUS pin provides a CMOS level signal, which
can be active high or active low.
The digital lock detect has one of two time windows, as selected
by Register 0Dh<5>. The default (ODh<5> = 0b) requires the
signal edges on the inputs to the PFD to be coincident within
9.5 ns to set the DLD true, which then must separate by at least
15 ns to give DLD = false.
The other setting (ODh<5> = 1) makes these coincidence times
3.5 ns for DLD = true and 7 ns for DLD = false.
The DLD may be disabled by writing 1 to Register 0Dh<6>.
If the signal at REFIN goes away while DLD is true, the DLD
will not necessarily indicate loss-of-lock. See the Loss of
Reference section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com