Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 2 Page - Analog Devices

  AD9510 Datasheet HTML 1Page - Analog Devices AD9510 Datasheet HTML 2Page - Analog Devices AD9510 Datasheet HTML 3Page - Analog Devices AD9510 Datasheet HTML 4Page - Analog Devices AD9510 Datasheet HTML 5Page - Analog Devices AD9510 Datasheet HTML 6Page - Analog Devices AD9510 Datasheet HTML 7Page - Analog Devices AD9510 Datasheet HTML 8Page - Analog Devices AD9510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
AD9510
Rev. A | Page 2 of 60
TABLE OF CONTENTS
Specifications..................................................................................... 4
PLL Characteristics ...................................................................... 4
Clock Inputs .................................................................................. 5
Clock Outputs ............................................................................... 6
Timing Characteristics ................................................................ 7
Clock Output Phase Noise .......................................................... 9
Clock Output Additive Time Jitter........................................... 12
PLL and Distribution Phase Noise and Spurious................... 14
Serial Control Port ..................................................................... 15
FUNCTION Pin ......................................................................... 15
STATUS Pin ................................................................................ 16
Power............................................................................................ 16
Timing Diagrams............................................................................ 17
Absolute Maximum Ratings.......................................................... 18
Thermal Characteristics ............................................................ 18
ESD Caution................................................................................ 18
Pin Configuration and Function Descriptions........................... 19
Terminology .................................................................................... 21
Typical Performance Characteristics ........................................... 22
Typical Modes of Operation.......................................................... 26
PLL with External VCXO/VCO Followed by Clock
Distribution................................................................................. 26
Clock Distribution Only............................................................ 26
PLL with External VCO and Band-Pass Filter Followed by
Clock Distribution...................................................................... 27
Functional Description .................................................................. 29
Overall.......................................................................................... 29
PLL Section ................................................................................. 29
PLL Reference Input—REFIN .............................................. 29
VCO/VCXO Clock Input—CLK2........................................ 29
PLL Reference Divider—R .................................................... 29
VCO/VCXO Feedback Divider—N (P, A, B) ..................... 29
A and B Counters................................................................... 30
Determining Values for P, A, B, and R ................................ 30
Phase Frequency Detector (PFD) and Charge Pump ....... 31
Antibacklash Pulse................................................................. 31
STATUS Pin ............................................................................ 31
PLL Digital Lock Detect........................................................ 31
PLL Analog Lock Detect ....................................................... 32
Loss of Reference.................................................................... 32
FUNCTION Pin ......................................................................... 33
RESETB: 58h<6:5> = 00b (Default)..................................... 33
SYNCB: 58h<6:5> = 01b ....................................................... 33
PDB: 58h<6:5> = 11b ............................................................ 33
Distribution Section................................................................... 33
CLK1 and CLK2 Clock Inputs.................................................. 33
Dividers........................................................................................ 33
Setting the Divide Ratio ........................................................ 34
Setting the Duty Cycle........................................................... 34
Divider Phase Offset.............................................................. 38
Delay Block ................................................................................. 39
Calculating the Delay ............................................................ 39
Outputs ........................................................................................ 39
Power-Down Modes .................................................................. 40
Chip Power-Down or Sleep Mode—PDB........................... 40
PLL Power-Down................................................................... 40
Distribution Power-Down .................................................... 40
Individual Clock Output Power-Down............................... 40
Individual Circuit Block Power-Down................................ 40
Reset Modes ................................................................................ 41
Power-On Reset—Start-Up Conditions
when VS is Applied ................................................................ 41
Asynchronous Reset via the FUNCTION Pin ................... 41
Soft Reset via the Serial Port................................................. 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com