Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 14Page - National Semiconductor (TI) CLC031 Datasheet HTML 15Page - National Semiconductor (TI) CLC031 Datasheet HTML 16Page - National Semiconductor (TI) CLC031 Datasheet HTML 17Page - National Semiconductor (TI) CLC031 Datasheet HTML 18Page - National Semiconductor (TI) CLC031 Datasheet HTML 19Page - National Semiconductor (TI) CLC031 Datasheet HTML 20Page - National Semiconductor (TI) CLC031 Datasheet HTML 21Page - National Semiconductor (TI) CLC031 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Device Operation (Continued)
TABLE 1. Configuration and Control Data Register Summary (Continued)
Register Function
Bits
Read or Write
Initial Condition
Available on
I/O Bus
Notes
Sync Detect Enable
1
R/W
ON
No
De-Dither Enable
1
R/W
OFF
Input
Vert. De-Dither Enable
1
R/W
OFF
Input
Lock Detect
1
R
Output
(Note 11)
Unscrambled
Video Data Out
1
R/W
OFF
No
(Note 13)
TPG and BIST Operations
Test Pattern Select
6
R/W
000000b
Input
525/27 MHz/Black
TPG Enable
1
R/W
OFF
Input
Pass/Fail
1
R
Output
VPG Filter Enable
1
R/W
OFF
Input
Reference Clock Operations
Reference Clock
2
R/W
00b
No
EXT CLK Enabled
External Vclk
1
R/W
OFF
No
(Note 13)
Multifunction I/O Bus Operations
I/O Bus Pin Config.
48
R/W
See Table 6
No
Note 11: Connected to multifunction I/O port at power-on.
Note 12: ON = SET = logic-1, OFF = RESET = logic-0 (positive logic).
Note 13: Special or restricted functionality. Refer to text for details.
TABLE 2. Control Register Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EDH 0 (register address 01h)
CRC ERROR
EDH FORCE
EDH ENABLE
F/F UES
F/F IDA
F/F IDH
F/F EDA
F/F EDH
EDH 1 (register address 02h)
CRC
REPLACE
CRC ERROR
LUMA
CRC ERROR
CHROMA
A/P UES
A/P IDA
A/P IDH
A/P EDA
A/P EDH
EDH 2 (register address 03h)
F/F FLAG
ERROR
A/P FLAG
ERROR
ANC FLAG
ERROR
ANC UES
ANC IDA
ANC IDH
ANC EDA
ANC EDH
ANC 0 (register address 04h)
VIDEO
FIFO-DEPTH(2)
VIDEO
FIFO-DEPTH(1)
VIDEO
FIFO-DEPTH(0)
ANC FIFO
OVERRUN
ANC FIFO
EMPTY
ANC FIFO
FULL
ANC CHECK-
SUM ERROR
ANC CHECK-
SUM FORCE
ANC 1 (register address 05h)
ANC ID(7)
ANC ID(6)
ANC ID(5)
ANC ID(4)
ANC ID(3)
ANC ID(2)
ANC ID(1)
ANC ID(0)
ANC 2 (register address 06h)
ANC ID(15)
ANC ID(14)
ANC ID(13)
ANC ID(12)
ANC ID(11)
ANC ID(10)
ANC ID(9)
ANC ID(8)
ANC 3 (register address 07h)
ANC MASK(7)
ANC MASK(6)
ANC MASK(5)
ANC
MASK(4)
ANC
MASK(3)
ANC
MASK(2)
ANC
MASK(1)
ANC
MASK(0)
ANC 4 (register address 08h)
ANC
MASK(15)
ANC MASK(14)
ANC MASK(13)
ANC
MASK(12)
ANC
MASK(11)
ANC
MASK(10)
ANC
MASK(9)
ANC
MASK(8)
ANC 5 (register address 17h)
FIFO
EXTRACT
ENABLE
FIFO CLOCK
ENABLE
FULL MSG
AVAILABLE
reserved
FIFO FLUSH
STATIC
reserved
MSG FLUSH
STATIC
MSG TRACK
ANC 6 (register address 18h)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com