Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 8Page - National Semiconductor (TI) CLC031 Datasheet HTML 9Page - National Semiconductor (TI) CLC031 Datasheet HTML 10Page - National Semiconductor (TI) CLC031 Datasheet HTML 11Page - National Semiconductor (TI) CLC031 Datasheet HTML 12Page - National Semiconductor (TI) CLC031 Datasheet HTML 13Page - National Semiconductor (TI) CLC031 Datasheet HTML 14Page - National Semiconductor (TI) CLC031 Datasheet HTML 15Page - National Semiconductor (TI) CLC031 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Device Operation (Continued)
ANCILLIARY/CONTROL DATA PATH
The 10-bit Ancilliary and Control Data Port AD[9:0]
serves two functions in the CLC031. Ancilliary data from the
Ancilliary Data FIFO is output from this port after its recov-
ery from the video data stream. The utilization and flow of
ancilliary data from the device is managed by a system of
control bits, masks and IDs stored in the control data regis-
ters. This port also provides read/write access to contents of
the configuration and control registers. The signals RD/WR,
ANC/CTRL and A
CLK control data flow through the port.
Control Data Functions
Control data is input to and output from the CLC031 using
the lower-order 8 bits AD[7:0] of the Ancilliary/Control Data
Port. This control data initializes, monitors and controls op-
eration of the CLC031. The upper two bits AD[9:8] of the
port function as handshaking signals with the device access-
ing the port. When either a control register read or write
address is being written to the port, AD[9:8] must be driven
as 00b (0XXh, where XX are AD[7:0]). When control data is
being written to the port, AD[9:8] must be driven as 11b
(3XXh, where XX are AD[7:0]). When control data is being
read from the port, the CLC031 will output AD[9:8] as 10b
(2XXh, where XX are output data AD[7:0]) and may be
ignored by the monitoring system.
Note: After either a manual or power-on reset, A
CLK must be
toggled three (3) times to complete initiallization of the An-
cilliary and Control Data Port.
The sequence of clock and control signals for reading control
data from the ancilliary/control data port is shown in Figure 2.
Control data read mode is invoked by making the ANC/
CTRL input low and the RD/WR input high. The 8-bit ad-
dress of the control register set to be accessed is input to the
port on bits AD[7:0]. To identify the data as an address,
AD[9:8] must be driven as 00b. The complete address word
will be 0XXh, where 0 is AD[9:8] and XX are AD[7:0]. The
address is captured on the rising edge of A
CLK. When
control data is being read from the port, the CLC031 will
output AD[9:8] as 10b (2XXh, where XX are output data
AD[7:0]) and may be ignored by the monitoring system. Data
being output from the selected register is driven by the port
immediately following the rising edge of A
CLK or when the
address signal is removed. For optimum system timing, the
signals driving the address to the port should be removed
immediately after the address is clocked into the port and
before or simultaneously with the falling edge of A
CLK at the
end of that address cycle. Output data remains stable until
the next rising edge of A
CLK and may be written into external
devices at any time after the removal of the address signal.
This second clock resets the port from drive to receive and
readies the port for another access cycle.
Example: Read the Full-field Flags via the AD port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-high.
3.
Present 001h to AD[9:0] as the register address.
4.
Toggle A
CLK.
5.
Release the bus driving the AD port.
6.
Read the data present on the AD port. The Full-field
Flags are bits AD[4:0].
7.
Toggle A
CLK to release the AD port.
Figure 3 shows the sequence of clock and control signals for
writing control data to the ancilliary/control data port. The
control data write mode is similar to the read mode. Con-
trol data write mode is invoked by making the ANC/CTRL
input low and the RD/WR input low. The 8-bit address of the
control register set to be accessed is input to the port on bits
AD[7:0]. When a control register write address is being
written to the port, AD[9:8] must be driven as 00b (0XXh,
where XX are AD[7:0]). The address is captured on the rising
edge of A
CLK. The address data is removed on the falling
edge of A
CLK. Next, the control data is presented to the port
bits AD[7:0] and written into the selected register on the next
rising edge of A
CLK. When control data is being written to the
port, AD[9:8] must be driven as 11b (3XXh, where XX are
AD[7:0]). Control data written into the registers may be read
out non-destructively in most cases.
Example: Setup (without enabling) the TPG Mode via the
AD port using the 1125 line, 30 frame, 74.25MHz, interlaced
component (SMPTE 274M) colour bars as test pattern. The
TPG may be enabled after setup using the Multi-function I/O
port or by the control registers.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Dh to AD[9:0] as the Test 0 register address.
4.
Toggle A
CLK.
5.
Present 027h to AD[9:0] as the register data.
6.
Toggle A
CLK.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com