Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 13Page - National Semiconductor (TI) CLC031 Datasheet HTML 14Page - National Semiconductor (TI) CLC031 Datasheet HTML 15Page - National Semiconductor (TI) CLC031 Datasheet HTML 16Page - National Semiconductor (TI) CLC031 Datasheet HTML 17Page - National Semiconductor (TI) CLC031 Datasheet HTML 18Page - National Semiconductor (TI) CLC031 Datasheet HTML 19Page - National Semiconductor (TI) CLC031 Datasheet HTML 20Page - National Semiconductor (TI) CLC031 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Device Operation (Continued)
TABLE 1. Configuration and Control Data Register Summary
Register Function
Bits
Read or Write
Initial Condition
Available on
I/O Bus
Notes
EDH and CRC Operations
CRC Error (SD/HD)
1
R
Reset
Output
(Note 11)
CRC Error Luma
1
R
Reset
Output
CRC Error Chroma
1
R
Reset
Output
CRC Replace
1
R/W
OFF
No
(Note 13)
Full-Field Flags
5
R
Reset
No
Active Picture Flags
5
R
Reset
No
ANC Flags
5
R
Reset
No
EDH Force
1
R/W
OFF
Input
EDH Enable
1
R/W
ON
Input
F/F Flag Error
1
R
Reset
Output
A/P Flag Error
1
R
Reset
Output
ANC Flag Error
1
R
Reset
Output
Ancilliary Data Operations
ANC Checksum Force
1
R/W
OFF
Input
ANC Checksum Error
1
R
Reset
Output
ANC FIFO Empty
1
R
Set
Output
(Note 11)
ANC FIFO 90% Full
1
R
Reset
Output
ANC FIFO Full
1
R
Reset
Output
ANC FIFO Overrun
1
R
Reset
Output
ANC ID
16
R/W
0000h
No
ANC Mask
16
R/W
FFFFh
No
MSG Track
1
R/W
OFF
No
MSG Flush Static
1
R/W
OFF
No
FIFO Flush Static
1
R/W
OFF
No
Full MSG Available
1
R
OFF
Output
Short MSG Detect
1
R
OFF
Output
FIFO Clock Enable
1
R/W
OFF
No
FIFO Extract Enable
1
R/W
OFF
Input
Video FIFO Operation
Video FIFO Depth
3
R/W
000b
No
Video Format Operations
Format Set
5
R/W
00000B
No
SD Only
1
R/W
OFF
No
HD Only
1
R/W
OFF
No
Format
5
R
Output
Format [4] (Note 11)
H
1
R
Output
(Note 11)
V
1
R
Output
(Note 11)
F
1
R
Output
(Note 11)
Framing Mode
1
R/W
ON
No
Framing Enable
1
R/W
ON
Input
New Sync Position (NSP)
1
R
Output
SAV
1
R
Output
EAV
1
R
Output
(Note 11)
De-scramble Enable
1
R/W
ON
No
NRZI Enable
1
R/W
ON
No
LSB Clipping Enable
1
R/W
ON
No
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com