Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 23Page - National Semiconductor (TI) CLC031 Datasheet HTML 24Page - National Semiconductor (TI) CLC031 Datasheet HTML 25Page - National Semiconductor (TI) CLC031 Datasheet HTML 26Page - National Semiconductor (TI) CLC031 Datasheet HTML 27Page - National Semiconductor (TI) CLC031 Datasheet HTML 28Page - National Semiconductor (TI) CLC031 Datasheet HTML 29Page - National Semiconductor (TI) CLC031 Datasheet HTML 30Page - National Semiconductor (TI) CLC031 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Application Information (Continued)
The power pins feeding the I/O should have low inductance
connections to the power and ground planes. It is recom-
mended that these connections use at least two vias per
power or ground pin. Short interconnecting traces consistent
with good layout practices and soldering rules must be used.
Sampling or clocking of data by external devices should be
so timed as to take maximum advantage of the steady-state
portion of the parallel output data interval. The CLC031 is
designed so that video data will be stable at the positive-
going transition of V
CLK. Data should not be sampled close
to the data transition intervals associated with the negative-
going clock edge. The specified propagation delay and clock
to data timing parameters must be observed. When data is
being sampled from the video data port together with the
ANC port and/or I/O port, it is recommended that the sam-
pling clocks be synchronized with the video clock, V
CLK,to
minimize possible effects from ground bounce or output
droop on sampled signal levels.
PROCESSING NON-SUPPORTED RASTER FORMATS
The number and type of HD raster formats has proliferated
since the CLC031 was designed. Though not specifically
capable of fully or automatically processing these new for-
mats, the CLC031 may still be capable of deserializing them.
The user is encouraged to experiment with processing these
formats, keeping in mind that the CLC031 has not been
tested to handle formats other than those detailed in Table 4.
Therefore, the results from attempts to process non-
supported formats is not guaranteed. The following guide-
lines concerning device setup are provided to aid the user in
configuring the CLC031 to attempt limited processing of
these other raster formats.
In general, the device is configured to defeat its automatic
format detection function and to limit operation to a general
HD format. (The user should consult Table 4 for guidance on
the format groups similar to the non-supported one to be
processed). Since most non-supported formats are in the
HD group, the CLC031 should be configured to operate in
HD-ONLY mode by setting bit-5 of the FORMAT 0 register
(address 0Bh). Also, the device should be further configured
by loading the FORMAT SET[4:0] bits of this register with the
general HD sub-format code. The complete data word for
this general HD sub-format code with HD-ONLY bit set is
330h. Since this format differs from those in the table, the
EAV/SAV indicators are disabled. Without these indicators,
line numbering and CRC processing are disabled and ANC
data extraction will not function. Output video chroma and
luma data will be word-aligned. Post-processing of the par-
allel data output from the CLC031 will be needed to imple-
ment CRC checking or line number tracking.
USING EXTERNAL VCXO FOR VCLK
The EXTERNAL V
CLK bit of VIDEO CONTROL 0 (register
address 55h) is a special application function which enables
use of an external VCXO as a substitute for the internally
generated V
CLK. Additional circuitry is enabled within the
CLC031 which provides phase-frequency detection and con-
trol voltage output for the VCXO. An external loop filter and
voltage amplifier are required to interface the control voltage
output to the VCXO frequency control input. When this func-
tion is used, the R
BB output function is changed from the
bias supply output to the control voltage output of the phase-
frequency detector. The V
CLK output changes function, be-
coming the input for the VCXO signal.
Figure 7 shows an example using dual VCXOs for V
CLK to
handle both standard and high definition video.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com