Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G53 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
4 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
Table 4.
Pin description
Symbol
Pin
Description
A
1
common A output or input
E
2
enable input (active LOW)
GND
3
ground (0 V)
GND
4
ground (0 V)
S
5
select input
B1
6
independent B1 input or output
B0
7
independent B0 input or output
VCC
8
supply voltage
Table 5.
Function table[1]
Input
Channel on
S
E
L
L
B0 to A or A to B0
H
L
B1 to A or A to B1
X
H
Z (switch off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com